| Electronic Components Datasheet Search |
|
RI1A Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RI1A Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 56 page ![]() RL78 Family Chapter 2 EEPROM Emulation EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 13 of 53 Mar. 28, 2014 The EEL pool has the four states shown below. Table 2-1 States of the EEL Pool State Description Pool operational This is the usual case during EEL operation. All commands are available and can be executed. Pool full Free space for data write is insufficient in the active block in use. This state indicates that a refresh needs to be executed. Pool exhausted No continuously usable EEL block is left. (At least two blocks that are not excluded are necessary for EEL operations.) Pool inconsistent There is a mismatch in the pool state and the data structure in the EEL block does not match the user-set data structure. The EEL block is in the undefined state (e.g. no active block is present). 2. 3. 3 Structure of EEL Block The detailed block structure used by the EEL is depicted in Figure 2-4. In general, an EEL block is divided into three utilized areas: the block header, the reference area and the data area. Figure 2-4 ELL Block Structure (Example of RL78/G13 Data Flash Block 0) Table 2-2 Configuration of Each EEL Block Name Description block header The block header contains all block status information needed for the block management within the EEL-pool. It has a fixed size of 8 bytes. reference area The reference area contains reference data which are required for the management of data. When data is written, this area extends in the address increment direction. data area The data area contains user data. When data is written, this area extends in the address decrement direction. block header reference area separator (erased 2 bytes) erased area (all bytes 0xFF) data area 0xF1000 0xF13FF growing growing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |