Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG14 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # RG14
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RG14 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button RG14 Datasheet HTML 8Page - Renesas Technology Corp RG14 Datasheet HTML 9Page - Renesas Technology Corp RG14 Datasheet HTML 10Page - Renesas Technology Corp RG14 Datasheet HTML 11Page - Renesas Technology Corp RG14 Datasheet HTML 12Page - Renesas Technology Corp RG14 Datasheet HTML 13Page - Renesas Technology Corp RG14 Datasheet HTML 14Page - Renesas Technology Corp RG14 Datasheet HTML 15Page - Renesas Technology Corp RG14 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
RL78 Family
Chapter 2
EEPROM Emulation
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 12 of 53
Mar. 28, 2014
Figure 2-2 shows an exemplary pool configuration for a device with 8 KB data flash.
When no writable area is remaining in the active block (block 1 in the example) and data can no longer be stored
(failure in write command), a new active block is selected in a cyclic manner and the current valid data set is copied
to this new active block. This process is referred to as refresh. After the EEL_CMD_REFRESH command is
executed, the previous active block becomes invalid and only a single active block exists. Excluded blocks (like
block 7 in the example) are ignored during this process and not considered as candidates for the selection of the
next active block.
Figure 2-2
EEL pool structure
The overall life cycle of a block in the EEL pool is shown in Figure 2-3. During normal operation, the block
switches between active and invalid state. When an error occurs during an access to the EEL block, the error EEL
block is marked as excluded. This block will not enter the lifecycle again. However, the user can try to reanimate the
block by a format of the complete pool which also erases all existing data content.
Figure 2-3
Life cycle of an EEL block
invalid
block
active
block
excluded
block
A
I
X
format
physical
block
0
physical
block
1
physical
block
2
physical
block
3
physical
block
4
physical
block
5
physical
block
6
physical
block
7
EEL
block
0
Data Flash Memory
EEL pool
EEL
block
1
EEL
block
2
EEL
block
3
EEL
block
4
A
I
X
active block
invalid block
excluded block
A
I
I
I
I
EEL
block
5
EEL
block
6
EEL
block
7
I
I
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com