Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCX-1121B Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NISCX-1121B
Description  SCXI Quarter-Bridge Strain Gage Input Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCX-1121B Datasheet(HTML) 2 Page - National Instruments Corporation

  NISCX-1121B Datasheet HTML 1Page - National Instruments Corporation NISCX-1121B Datasheet HTML 2Page - National Instruments Corporation NISCX-1121B Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCXI Quarter-Bridge Strain Gage Input Module
2 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
NI SCXI-1521 ................................................................777966-21
NI SCXI-1521B ..........................................................777966-21B
Includes NI-DAQmx software.
For more information on extended warranty and value-added
services, visit ni.com/services
BUY ONLINE!
Visit ni.com/info
Ordering Information
This appendix lists the specifications for the SCXI-1521/B modules. These specifications are typical at
25 °C unless otherwise noted.
Analog Input
Number of channels......................................... 24
Voltage gain ..................................................... 42
Input coupling................................................... DC
Overvoltage protection..................................... ±11 V powered on and off
Inputs protected ............................................... <AI0..23>
Transfer
Nonlinearity...................................................... 0.02% max
Gain error
After calibration1 ....................................... 0.1% of reading max
Before calibration2..................................... 4.0% of reading max
Input offset error .............................................. 7 mV max
1 mV typ
1This is the error after software correction. Gain error is taken into account in the software correction coefficients
stored in the onboard EEPROM. These constants are applied automatically when using LabVIEW or NI-DAQmx.
2This is the error before software calibration.
Dynamic
Minimum scan interval (per channel, any gain in multiplexed mode)
±0.012% accuracy ............................................ 3 µs
±0.006% accuracy ............................................ 10 µs
±0.0015% accuracy .......................................... 20 µs
Noise RTI1
0.1 to 10 Hz ...................................................... 2.5 µVpp
> 10 Hz.............................................................. 1 µV
rms in 1MHz bandwidth
1Includes excitation voltage noise contribution
Filter
Lowpass filter type........................................... 2-pole Butterworth (12 dB/octave rolloff)
3 dB bandwidth ................................................ 10 Hz
Stability
Recommended warm-up time.......................... 30 minutes
Gain drift .......................................................... ±11 ppm /°C max
±4 ppm /°C typ
Offset drift ........................................................ ±3 µV /°C max
±1 µV /°C typ
Offset Null Compensation
Range................................................................ ±0.45% of excitation voltage
Resolutioin........................................................ 4,096 counts of resolution (±9,000 me offset null
compensation range, 4.4 me resolution for GF = 2.0)
Excitation
Type .................................................................. Constant voltage
Settings ............................................................ 0.0 to 5.0 V in 1023 steps
Error .................................................................. ±20 mV ±0.3% max
Maximum output current ................................. 21 mA
Load regulation (open to 240 W) ..................... 0.08%
Temperature drift.............................................. ±10ppm/°C ±30 µV/°C max
Protection ......................................................... Surge arrestors in parallel with excitation terminals,
shunt to ground, short circuit protected
Bridge Completion
SCXI-1521......................................................... 350
Ω, 0.1%, 2 ppm/°C max, 55mW @ °50 C
Long term stability ........................................... 0.02%/yr
SCXI-1521B....................................................... 120
Ω, 0.1%, 2 ppm/°C max, 55mW @ °50 C
Long term stability ........................................... 0.02%/yr
Shunt Calibration
Type .................................................................. Shunt across quarter-bridge completion resistor
Shunt resistor ................................................... Fixed 100 k
Ω, 0.1%, 10 ppm/°C , 150mW
Switch resistance............................................. 15
Ω max
7.5
Ω typ
Power Requirements (from SCXI Backplane)
V+...................................................................... 18.5 to 25 VDC, +170 mA min
V........................................................................ 18.5 to –25 VDC, –170 mA min
+5 V .................................................................. +4.75 to 5.25 VDC, 50 mA min
Physical
Dimensions....................................................... 3.0 by 17.2 by 20.3 cm (1.2 by 6.9 by 8.0 in.)
Maximum Working Voltage
Maximum working voltage refers to the signal voltage plus the common-mode voltage.
Channel-to-earth .............................................. Input should remain within ±11 V of ground.
Installation Category I
Channel-to-channel .......................................... Input should remain within ±11 V of ground.
Installation Category I
Environmental
Operating temperature..................................... 0 to 50 °C
Storage temperature ........................................ 20 to 70 °C
Humidity ........................................................... 10 to 90% RH, noncondensing
Maximum altitude ............................................ 2,000 m
Pollution Degree (indoor use only)................... 2
Safety
The SCXI-1521/B is designed to meet the requirements of the following standards of safety for
electrical equipment for measurement, control, and laboratory use:
• IEC 61010-1, EN 61010-1
• UL 61010-1
• CAN/CSA-C22.2 No 61010-1
For UL and other safety certifications, refer to the product label, or visit ni.com/certification,
search by model number or product line, and click the appropriate link in the Certification column.
Electromagnetic Compatibility
EmissionsEN 55011 Class A at 10 m FCC Part 15A above 1 GHz
Immunity ..EN 61326:1997 + A2:2001, Table 1
EMC/EMICE, C-Tick, and FCC Part 15 (Class A) Compliant
Note: For EMC compliance, operate this device with shielded cabling.
CE Compliance
The SCXI-1521/B meets the essential requirements of applicable European Directives,
as amended for CE marking, as follows:
Low-Voltage Directive (safety)......................... 73/23/EEC
Electromagnetic Compatibility
Directive (EMC) ................................................ 89/336/EEC
Note: Refer to the Declaration of Conformity (DoC) for this product for any additional regulatory
compliance information. To obtain the DoC for this product, visit ni.com/certification, search by
model number or product line, and click the appropriate link in the Certification column.
Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com