Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH850 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RH850
Description  E1 Emulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RH850 Datasheet HTML 1Page - Renesas Technology Corp RH850 Datasheet HTML 2Page - Renesas Technology Corp RH850 Datasheet HTML 3Page - Renesas Technology Corp RH850 Datasheet HTML 4Page - Renesas Technology Corp RH850 Datasheet HTML 5Page - Renesas Technology Corp RH850 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
On-chip Debuggers Performance Property
E1 Emulator
◆As for debugging function information of other emulators, visit each product's page from the following URL.
http://www.renesas.com/emulator_lineups
INDEX
■E1 Debugging Function
Family
Series/Core
Group
Software Break
Special Break
RH850
RH850/F1x
RH850/F1L
LPD4-pin
or
LPD1-pin
Not settable for
ROM area
2000 points for
RAM area
Supported
RL78/D1x
RL78/D1A
RL78/F12
RL78/F13
RL78/F14
Supported
*5
RL78/G10
Not supported
RL78/G14 (ROM:
96KByte and
more)
RL78/G12
RL78/G13
RL78/G14 (ROM:
64KByte and
less)
RL78/G1A
RL78/G1C
RL78/I1A
RL78/L12
RL78/L13
RL78/L1C
RX64M
JTAG
or
Single-wire Serial
Others than
RX64M
JTAG
or
double-wire Serial *4
(clock and data)
JTAG,
double-wire or
4-wire Serial
(data×2, clock
and handshake)
4 points for ROM
area
2000 points for RAM
area
[When using JTAG I/F]
Before-execution:
4 points
After-execution:
8 points
Access: 6 points
[When using Serial I/F]
Before-execution:
4 points
After-execution:
Not supported
Access: 4 points
2000 points
2000 points
Notes:
*1. V850E2/ME3 and V850E/ME2 cannot be used with the E1 emulator. Use the MINICUBE for them.
*2. The number of break points varies by the integrated development environment you use.
*3. For RX220 group, the information of 32 branches or the information of 32 cycles on data-access operation is obtained.
*4. The debugging function and the connection system vary by the MCU you use.
*5. Hot-plug Adapter for the E1 Emulator (optional) is required.
*6. Available only when the emulator is connected via JTAG interface.
* The information provided only applies to MCUs where we have been able to confirm the specifications of the emulator.
This includes MCUs and emulator software that are under development. For more information on support for these items as it
becomes available, check our website at: http://www.renesas.com/e1/devices
R8C
Single-wire Serial
8 points for an address break
+
2 points for a data condition break
* Sequential breaks are specifiable.
256 points
at the max
Obtains the information of 4 branches
(sum of the branch-source
and branch-destination PC)
or
the information of up to 8 cycles
of specified data access
R8C/5x
R8C/3xT-A
R8C/3x
Supported
*5
* Sequential breaks are specifiable.
78K0R
double-wire Serial
(clock and data)
1 point
being shared by an execution address and data access
Not supported
Not
supported
78K0
1 point for a before-execution break
(only when software breaks are not used)
+
1 point for Access break
Not supported
V850E1
V850ES
V850E2
2 points
being shared by an execution address and data access
* Sequential breaks are specifiable.
Not supported
Not
supported;
the time
b/w Go and
Stop is
measurable.
V850E2M
V850E2S
Nexus
or
Single-wire Serial
8 points for ROM
area
2000 points for RAM
area
Supported
*5 *6
8 points for an execution address
+
4 points for a data access
* Sequential breaks are specifiable.
Obtains the information of up to 256 branches
or
the information of up to 256 cycles
on data-access operation
RX200
Single-wire Serial
4 points for an execution address
+
2 points for a data access
* Sequential breaks are specifiable.
Obtains the information of up to 64 branches
or
the information of up to 64 cycles
on data-access operation *3
Not
supported
RX100
Obtains the information of up to 32 branches
or
the information of up to 32 cycles
on data-access operation
RX
RX600
8 points for an execution address
+
4 points for a data access
(DMAC or DTC bus is selectable as a bus master)
* Sequential breaks are specifiable.
256 points
at the max
Obtains the information of up to 256 branches
or
the information of up to 256 cycles
on data-access operation
(DMAC or DTC bus is selectable as a bus master)
Supported
RL78/I1x
RL78/L1x
1 point
being shared by an execution address and data access
Not supported
2 points
being shared by an execution address and data access
Obtains the information of up to 256 branches
(only branch-source info)
Not
supported
2 points
being shared by an execution address and data access
2000 points
Obtains the information of up to 256 branches
(only branch-source info)
1 point
being shared by an execution address and data access
Not supported
RL78/F1x
2 points
being shared by an execution address and data access
Obtains the information of up to 128 branches
(only branch-source info); the obtainable info is
limited to 64 branches on some MCUs.
RL78/G1x
2 points for an execution address
Not supported
12 points
being shared by an execution address and data access
Forcible break by
selecting "Stop"
on emulator
debugger
Between 2K and 4K of branch information
can be acquired when this is the only target
or
Between 1K and 2K of cycle information
on data-access operation can be acquired
when this is the only target
Supported
Not
supported
Single-wire Serial
1 point
being shared by an execution address and data access
2000 points
Not supported
Not
supported;
the time
b/w Go and
Stop is
measurable.
Connection system
Break Function
Trace Function
Memory
reference
&change
while
executing
program
Performanc
e
measureme
nt
Hot plug-
in
Hardware Break
Internal trace
On-chip Debuggers Performance Property -
1
 E20
On-chip Debuggers Performance Property -
2
 MINICUBE2
On-chip Debuggers Performance Property -
3
On-chip Debuggers Performance Property -
6
Emulator
Page
RL78
R8C/Lx
V850
*1 *2
 E10A-USB
On-chip Debuggers Performance Property - 4, 5
 E8a
Target MCU
 E1
On-chip Debuggers Performance Property - page 1
★ New product ★★ Under development ☆ In planning
Renesas general tools catalog (Sep 2013)


Similar Part No. - RH850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RH850 RENESAS-RH850 Datasheet
925Kb / 66P
RENESAS 32-Bit MCU
RH850 RENESAS-RH850 Datasheet
70Kb / 1P
Self Programming Library
RH850 RENESAS-RH850 Datasheet
39Mb / 4535P
Renesas microcontroller
Rev.1.10
RH850 RENESAS-RH850 Datasheet
3Mb / 422P
Renesas microcontroller
Rev.1.00 Sep 15, 2023
RH850 RENESAS-RH850 Datasheet
11Mb / 206P
Renesas microcontroller
Rev.1.00 Mar.31.2025
More results

Similar Description - RH850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
E702289_SH7290 RENESAS-E702289_SH7290 Datasheet
1Mb / 252P
SH7290 E10A Emulator
logo
Zilog, Inc.
Z8ICE001ZEM ZILOG-Z8ICE001ZEM Datasheet
126Kb / 7P
Z8PLUS EMULATOR
logo
List of Unclassifed Man...
D9091SW013 ETC2-D9091SW013 Datasheet
46Kb / 1P
SYSCON Terminal Emulator Software
logo
STMicroelectronics
ST6-EMU2 STMICROELECTRONICS-ST6-EMU2 Datasheet
48Kb / 4P
ST6-EMU2 emulator
27-Oct-2010
logo
Renesas Technology Corp
RH850F1L RENESAS-RH850F1L Datasheet
360Kb / 16P
Emulator
QB-RL78L1C RENESAS-QB-RL78L1C Datasheet
1,014Kb / 42P
In-Circuit Emulator
R20UT2452EJ0110 RENESAS-R20UT2452EJ0110 Datasheet
774Kb / 21P
E1/E20 Emulator
E1 RENESAS-E1 Datasheet
757Kb / 500P
E1/E20 Emulator
logo
Keysight Technologies
E6965A KEYSIGHT-E6965A Datasheet
1Mb / 8P
Location Server Emulator
logo
Renesas Technology Corp
R0E000010CKZ11 RENESAS-R0E000010CKZ11 Datasheet
185Kb / 4P
Small Connector Conversion Adapter for the E1 Emulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com