Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R8C
Description  E1 Emulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 4 Page - Renesas Technology Corp

  R8C Datasheet HTML 1Page - Renesas Technology Corp R8C Datasheet HTML 2Page - Renesas Technology Corp R8C Datasheet HTML 3Page - Renesas Technology Corp R8C Datasheet HTML 4Page - Renesas Technology Corp R8C Datasheet HTML 5Page - Renesas Technology Corp R8C Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
On-chip Debuggers Performance Property
E10A-USB Emulator
◆As for debugging function information of other emulators, visit each product's page from the following URL.
http://www.renesas.com/emulator_lineups
■E10A-USB(HS0005KCU01H/HS0005KCU02H) Debugging Function
Family
Series/ Core
Group
Hardware Break
Software Break
Internal Trace
AUD Trace
Address/Data/R/W/Execution-count
condition break : 2 points
+
Address/R/W condition break : 4 points
+
Data/R/W condition break : 2 points
+
System bus condition break : 2 points
* Sequential breaks are specifiable.
Supported
No Mode
8 branches ◎
Up to 64K events *1
(Up to 32K of branch information
can be acquired when
branch trace is the only target)
◎
SH7760
SH7751R
No Mode
Up to 64K events *1
(Up to 32K of branch information
can be acquired when
branch trace is the only target)
◎
SH7750R
No Mode
-
SH7721
SH7720
SH7712
SH7710
SH7705
No Mode
Up to 64K branches *1
(Only branch-destination
information) ◎
SH7727
SH7709S
SH7706
No Mode
Up to 26214 branches *1
SH7206
SH72AY
SH72AW
SH72A0
SH72A2
SH7211
SH7216
(SH7216, SH7214)
SH7231
SH7237
SH7239
SH7243
SH7285
SH7286
Supported
SH7670
SH726A
SH726B
SH7269
SH7268
SH7267
SH7266
SH7264
SH7262
SH7203
SH7263
No Mode
256 cycles
Select the target info from:
Address/Data/Status/
Time stamp bus.
SH7201
SH7261
No Mode
SH7256R
SH7254R
Supported
SH7253
No Mode
-
SH7619
SH7618
Address/Data/R/W/Execution-count
condition break : 1 point
+
Address/R/W condition break : 1 point
* Sequential breaks are specifiable.
No Mode
4 branches
-
SH7145F
SH7144F
SH7047F
Address break : 4 points
* Sequential breaks are specifiable.
--
Up to 64K events *2
(Up to 32K of branch information
can be acquired when
branch trace is the only target)
R5F71494A
R5F71464A
R5F70865A
R5F70855A
R5F70854A
R5F70845A
R5F70844A
R5F70835A
R5F70834A
Supported
Supported
SH7137
Supported
SH7136
SH7125
SH7124
No Mode
R5E71494R
R5E71491R
R5E71464R
R5E70865R
R5E70855R
R5E70845R
R5E70835R
Address break : 8 points
+
Address/Data/R/W/Execution-count
condition break : 1 point
+
Address/Data/R/W condition break : 1 point
* Sequential breaks are specifiable.
Supported
Supported
1000 cycles
Select the target info from:
Address/Data/Status/
Time stamp bus.
Up to 64K events *1
(Up to 32K of branch information
can be acquired when
branch trace is the only target)
◎
H8SX/1700
H8SX/1720S
H8SX/1720
-
H8S/2472
H8S/2463
H8S/2462
-
4 branch sources
H8S/2456R
H8S/2456
H8S/2454
H8S/2426R
H8S/2426
H8S/2424
4 branch sources
or
Bus trace : 1024 cycles
H8S/2427R
H8S/2427
H8S/2425
8 branch sources
H8S/2378
H8S/2378R
H8S/2368
H8S/2319 *4
-
4 branch sources
or
Bus trace : 512 cycles
H8S/2339 *5
H8S/2329 *6
Supported
4 branch sources
H8S/2200
H8S/2218
H8S/2215 *7
H8S/2212
Address/Data condition break : 2 points
-
-
4 branch sources
-
Trace Function
Target MCU
Break Function
Performance
Measurement
Function
Invalid External extension Mode
of Embedded ROM
SuperH
SH-4A
(Except for Multi-core MCUs)
SH-4
Address/Data/R/W : 2 points
+
Address/R/W condition break : 4 points
* Sequential breaks are specifiable.
SH-2A
(Except for Multi-core
MCUs)
Address break : 8 points
+
Address/Data/R/W/Execution-count
condition break : 1 point
+
Address/Data/R/W condition break : 1 point
* Sequential breaks are specifiable.
SH-2
Address break : 2 points
+
Address/Data/R/W/Execution-count
condition break : 1 point
+
Address/Data/R/W condition break : 1 point
* Sequential breaks are specifiable.
Address break : 3 points
+
Address/Data/Satisfaction-count
condition break : 1 point
* Sequential breaks are specifiable.
Supported
8 branches
SH-3
Address/Data/R/W/Execution-count
condition break : 1 point
+
Address/R/W condition break : 1 point
* Sequential breaks are specifiable.
Supported
8 branches
-
-
No Mode
4 branches
-
-
Supported
- *3
8 branches
-
H8SX/1600
255 points
Supported
1000 cycles
Select the target info from:
Address/Data/Status/
Time stamp bus.
Up to 64K events *1
(Up to 32K of branch information
can be acquired when
branch trace is the only target)
◎
-
H8S
H8S/2400
H8S/2300
H8SX/1500
H8SX
Notes:
*1. Not usable with HS0005KCU01H.
*2. Not usable with HS0005KCU01H. While using RAM monitor function with HS0005KCU02H, no trace information can be acquired.
*3. Supported only by H8SX/1651.
*4. Only H8S/2319EF is supported.
*5. Only H8S/2339EF is supported.
*6. Only H8S/2329EF is supported.
*7. Only H8S/2215R and H8S/2215T are supported.
◎ Acquirable trace information:
Branch, Memory access within the specified range, and Software trace (Trace(x): variable x).
* The information provided only applies to MCUs where we have been able to confirm the specifications of the emulator.
This includes MCUs and emulator software that are under development. For more information on support for these items
as it becomes available, check our website at: http://www.renesas.com/e10a_usb/devices
Address break : 6 points
+
Address/Data condition break : 2 points
-
-
Supported
Address/Data condition break : 2 points
On-chip Debuggers Performance Property - page 4
★ New product ★★ Under development ☆ In planning
Renesas general tools catalog (Sep 2013)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com