Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOT05CG-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # SOT05CG-AE3-R
Description  SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SOT05CG-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  SOT05CG-AE3-R Datasheet HTML 1Page - Unisonic Technologies SOT05CG-AE3-R Datasheet HTML 2Page - Unisonic Technologies SOT05CG-AE3-R Datasheet HTML 3Page - Unisonic Technologies SOT05CG-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SOT05C
Preliminary
TVS
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-105.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Pulse Power (8/20µs Waveform)
PPP
140
W
Junction Temperature
TJ
-50~+150
°C
Storage Temperature
TSTG
-50~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
J=25
°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Stand-Off Voltage
VRWM
5
V
Reverse Breakdown Voltage
VBR
IBR=1mA
6
V
Reverse Leakage Current
IR
VR=5V
5
µA
Clamping Voltage (820µs)
VC
IPP=13A
10
V
Maximum Peak Pulse Current
IPP
8/20µs Waveform
13
A
Off State Capacitance
Unidirectional
CJ
0VDC Bias f=1MHz
120
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com