Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCV676L-TQ5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UCV676L-TQ5-R
Description  400mA LOW-DROP VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCV676L-TQ5-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UCV676L-TQ5-R Datasheet HTML 1Page - Unisonic Technologies UCV676L-TQ5-R Datasheet HTML 2Page - Unisonic Technologies UCV676L-TQ5-R Datasheet HTML 3Page - Unisonic Technologies UCV676L-TQ5-R Datasheet HTML 4Page - Unisonic Technologies UCV676L-TQ5-R Datasheet HTML 5Page - Unisonic Technologies UCV676L-TQ5-R Datasheet HTML 6Page - Unisonic Technologies UCV676L-TQ5-R Datasheet HTML 7Page - Unisonic Technologies UCV676L-TQ5-R Datasheet HTML 8Page - Unisonic Technologies UCV676L-TQ5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UCV676/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R102-051. B
ELECTRICAL CHARACTERISTICS(Cont.)
For UCV676/A-ADJ
PARAMETER
SYMBOL
TEST CONDITIONS
UCV676
UCV676A
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT
Output Voltage, Adjustable
Version
AVOUT
5.0mA<IOUT<400mA,
VOUT+1<VIN<40V, VIN> 4.5V
-4%
+4%
-2%
+2%
V
Output Current Limitation
IOUT
VOUT=90% VOUT(TYP)
(VOUT(TYP)=2.5V)
400
700
1100
400
700
1100
mA
Quiescent Current
(Sleep Mode)
Iq
Iq=II-IOUT, VINH=0V
-
-
10
-
-
10
μA
Quiescent Current
Iq
Iq=II - IOUT
IOUT=1.0mA
-
130
220
-
130
200
μA
IOUT=250mA
-
10
15
-
10
15
mA
IOUT=400mA
-
25
35
-
25
35
mA
Dropout Voltage
VDR
VIN>4.5V, IOUT=250mA,
VDR=VIN-VOUT
-
250
500
-
250
500
mV
Load Regulation
ΔVOUT IOUT= 5.0mA~400mA
-
10
35
-
3.0
20
mV
Line Regulation
ΔVOUT ΔVIN=12V~32V, IOUT=5.0mA
-
2.5
25
-
4.0
15
mV
Power Supply Ripple
Rejection
PSRR
fr =100Hz, Vr =0.5VPP
-
60
-
-
70
-
dB
Temperature coefficient of
VOUT
ΔVOUT/ΔT
-
0.5
-
-
0.5
-
mV/K
INHIBIT
Inhibit Voltage, Output High
VINH
VOUT
≥VOUT(MIN)
-
2.8
3.5
-
2.3
2.8
V
Inhibit Voltage, Output Low
(Off)
VINH
VOUT
≤0.1V
0.5
1.7
-
1.8
2.2
-
V
Input Current
IINH
VINH=5.0V
5.0
10
20
5.0
10
20
μA
THERMAL SHUTDOWN
Thermal Shutdown
Temperature (Note 2)
TSD
IOUT=5.0mA
150
-
210
150
-
210
°C
Notes: 1. Measured when the output voltage VOUT has dropped 100mV from the nominal valued obtained at
V=13.5V.
2. Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com