Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM5237L-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UM5237L-AB3-R
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM5237L-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UM5237L-AB3-R Datasheet HTML 1Page - Unisonic Technologies UM5237L-AB3-R Datasheet HTML 2Page - Unisonic Technologies UM5237L-AB3-R Datasheet HTML 3Page - Unisonic Technologies UM5237L-AB3-R Datasheet HTML 4Page - Unisonic Technologies UM5237L-AB3-R Datasheet HTML 5Page - Unisonic Technologies UM5237L-AB3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UM5237
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R101-040.c
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
30
V
Drive Current
ID
30
mA
Input/Output Voltage Difference
VIN -VOUT
28
V
Internal Power Dissipation
PD
500
mW
Operating Temperature
TOPR
-20~+75
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage Range
VIN
3.5~30
V
Output Voltage Range
VOUT
1.5~25
V
ELECTRICAL CHARACTERISTICS
Test circuit (a) is used with TA=25°C, VI=15V, VO=12V, IL=200mA, CREF=1μA, R1=4.3KΩ
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Voltage
VIN
Between Pin 1 and Pin 2
3.5
30
V
Output Voltage
VOUT
R2≈0.82~108KΩ
1.5
28
V
Minimum Input/Output Voltage
Difference
VIN -VOUT
0.2
V
Reference Voltage
VREF
Between Pin 2 and Pin 3
1.2
1.26
1.32
V
Input Voltage Regulation
Reg-in
VI=15~20V
0.02
0.1
%/V
Loading Voltage Regulation
Reg-L
IL=10~200mA
0.02
0.1
%
Bias Current
IB
IL=0 (disregarding the current in
resistors R1, R2)
1.7
3.0
mA
Output Voltage Thermal Coefficient
TCVO
TA=0~75°C
0.02
%/°C
Ripple Rejection
RR
f=120Hz
measured with circuit (b)
68
dB
Output Noise Voltage
VNO
f=20Hz~100KHZ
25
μVrms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com