Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSR100G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UPSR100G-S08-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSR100G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UPSR100G-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSR100G-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSR100G-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSR100G-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSR100G-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSR100G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UPSR100
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-946.c
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
CS
Current sense input.
2
VCC
Power supply.
3
OUT
Base drive for power BJT.
4
GND
Ground.
5
FB
The voltage feedback from the auxiliary winding
6
VDD
The 5V output of the internal voltage regulator
7
BIAS
This pin sets the bias current inside UTC UPSR100 with an external resistor to GND
8
COMP
This pin connects a bypass capacitor
BLOCK DIAGRAM
6
VDD
5V
Regulator
& VREF
Por
2
VCC
Logic core
OVP
8V
+
-
5
FB
+
-
4V
CV
controller
Ibias
Base
drive
IREF
7
BIAS
+
-
0.43V
3 OUT
1
+
-
0.5V
LEB
CC
controller
8
COMP
4
GND
Tdemag
detector
CS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com