Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

URCZ1284L-03-SQ8-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # URCZ1284L-03-SQ8-R
Description  PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15KV ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

URCZ1284L-03-SQ8-R Datasheet(HTML) 2 Page - Unisonic Technologies

  URCZ1284L-03-SQ8-R Datasheet HTML 1Page - Unisonic Technologies URCZ1284L-03-SQ8-R Datasheet HTML 2Page - Unisonic Technologies URCZ1284L-03-SQ8-R Datasheet HTML 3Page - Unisonic Technologies URCZ1284L-03-SQ8-R Datasheet HTML 4Page - Unisonic Technologies URCZ1284L-03-SQ8-R Datasheet HTML 5Page - Unisonic Technologies URCZ1284L-03-SQ8-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
URCZ1284-XX
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R127-001.c
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
Select in
Terminal of Select input
2
Error
Terminal of Error
3
Strobe
Input of Strobe(before EMI filtering)
4
Bit 1
Input of Bit 1 (before EMI filtering)
5
Bit 2
Input of Bit 2 (before EMI filtering)
6
Bit 3
Input of Bit 3 (before EMI filtering)
7
Bit 4
Input of Bit 4 (before EMI filtering)
8
Acknowledge Terminal of Acknowledge
9
Bit 5
Input of Bit 5 (before EMI filtering)
10
Paper out
Terminal of Paper out
11
Bit 6
Input of Bit 6 (before EMI filtering)
12
Busy
Terminal of Busy
13
Bit 7
Input of Bit 7 (before EMI filtering)
14
Bit 8
Input of Bit 8 (before EMI filtering)
15
Select paper Terminal of Select paper
16
Bit 8’
Output of Bit 8 (after EMI filtering)
17
Bit 7’
Output of Bit 7 (after EMI filtering)
18
Bit 6’
Output of Bit 6 (after EMI filtering)
19
Bit 5’
Output of Bit 5 after EMI filtering)
20
Vcc
Supply Voltage
21
Bit 4’
Output of Bit 4 (after EMI filtering)
22
Gnd
Ground
23
Bit 3’
Output of Bit 3 (after EMI filtering)
24
Bit 2’
Output of Bit 2 (after EMI filtering)
25
Bit 1’
Output of Bit 1 (after EMI filtering)
26
Stobe’
Output of Strobe (after EMI filtering)
27
Autofeed
Terminal of Autofeed
28
Reset
Terminal of Reset



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com