Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3032 Datasheet(PDF) 3 Page - Motorola, Inc

Part # TP3032
Description  RF POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TP3032 Datasheet(HTML) 3 Page - Motorola, Inc

  TP3032 Datasheet HTML 1Page - Motorola, Inc TP3032 Datasheet HTML 2Page - Motorola, Inc TP3032 Datasheet HTML 3Page - Motorola, Inc TP3032 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TP3032
MOTOROLA RF DEVICE DATA
40
0
Pin, INPUT POWER (WATTS)
20
0
2
5
7
5
25
26 V
24 V
35
30
15
10
R3
C7
Components List
C1
300 pF, ATC Chip Capacitor 100B
C2
12 pF, ATC Chip Capacitor 100A
C3
10 pF, ATC Chip Capacitor 100A
C4
1 – 4.5 pF, Johanson Capacitor 9410–0
C5
6.8 pF, ATC Chip Capacitor 100A
C6
82 pF, ATC Chip Capacitor 100B
C7,C8,C11
330 pF, Chip Capacitor
C9,C12
15 nF, Chip Capacitor
C10,C13
6.8
µF, 35 V, Tantalum Capacitor
D1,D2
Diode, 1N4148
FB
Ferrite Bead
R1
75
Ω, Chip Resistor 1206
R2
10 k
Ω, Trimmer Resistor
R3
1 k
Ω, 1/2 W, Resistor
R4
82
Ω, 3 W, Resistor
R5
1
Ω, 1/4 W, Resistor
T1
Transistor, BD135
T1
R2
40
15
0
900
f, FREQUENCY (MHz)
920
10
940
1000
35
25
20
5
960
45
18
VCC, SUPPLY VOLTAGE (VOLTS)
25
0
22
28
32
10
30
40
35
20
15
Figure 2. 960 MHz Test Circuit Schematic
R4
Pin = 6 W
3 W
1
3
4
6
20
24
26
30
980
30
C2
R1
C9
C8
C10
C6
C3
C4
C13
C1
R5
FB
C12
C11
D2
D1
RF INPUT
50
Ω
RF OUTPUT
50
Ω
C5
+
–
Pin = 6 W
3 W
DUT
TYPICAL CHARACTERISTICS
IQ = 100 mA
f = 960 MHz
IQ = 100 mA
f = 960 MHz
VCC = 26 V
IQ = 100 mA
Figure 3. Output Power versus Input Power
Figure 4. Output Power versus Frequency
Figure 5. Output Power versus Supply Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com