Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA656 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA656
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA656 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button OPA656 Datasheet HTML 3Page - National Semiconductor (TI) OPA656 Datasheet HTML 4Page - National Semiconductor (TI) OPA656 Datasheet HTML 5Page - National Semiconductor (TI) OPA656 Datasheet HTML 6Page - National Semiconductor (TI) OPA656 Datasheet HTML 7Page - National Semiconductor (TI) OPA656 Datasheet HTML 8Page - National Semiconductor (TI) OPA656 Datasheet HTML 9Page - National Semiconductor (TI) OPA656 Datasheet HTML 10Page - National Semiconductor (TI) OPA656 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
OPA656
7
SBOS196G
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +2, RF = 250Ω, RL = 100Ω, unless otherwise noted.
INPUT CURRENT AND VOLTAGE NOISE DENSITY
10
100
1k
10k
100k
1M
10M
f (Hz)
100
10
1
Input Voltage Noise 7nV/
√Hz
Input Current Noise 1.3fA/
√Hz
COMMON-MODE REJECTION RATIO AND
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
1k
100k
1M
10M
10k
100M
Frequency (Hz)
110
100
90
80
70
60
50
40
30
20
CMRR
+PSRR
–PSRR
OPEN-LOOP GAIN AND PHASE
1k
100
100k
1M
10M
10k
1G
100M
Frequency (Hz)
70
60
50
40
30
20
10
0
0
–30
–60
–90
–120
–150
–180
–210
20 log(A
OL)
< A
OL
RECOMMENDED R
S vs CAPACITIVE LOAD
10
100
1k
Capacitive Load (pF)
100
10
1
For Maximally Flat Frequency Response
FREQUENCY RESPONSE vs CAPACITIVE LOAD
1
10
100
500
Frequency (MHz)
9
6
3
0
–3
–6
–9
–12
R
S
50
Ω
1k
Ω
V
I
V
O
C
L
250
Ω
250
Ω
OPA656
C
L = 22pF
C
L = 100pF
C
L = 10pF
2-TONE, 3RD-ORDER
INTERMODULATION SPURIOUS
–10
–8
–6
–4
–24
2
06
8
Single-Tone Load Power (dBm)
–30
–40
–50
–60
–70
–80
–90
–100
50
Ω
50
Ω
50
Ω
P
I
P
O
250
Ω
250
Ω
OPA656
5MHz
2MHz
15MHz
10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com