Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4052CD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4052CD
Description  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4052CD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  THS4052CD Datasheet HTML 1Page - National Semiconductor (TI) THS4052CD Datasheet HTML 2Page - National Semiconductor (TI) THS4052CD Datasheet HTML 3Page - National Semiconductor (TI) THS4052CD Datasheet HTML 4Page - National Semiconductor (TI) THS4052CD Datasheet HTML 5Page - National Semiconductor (TI) THS4052CD Datasheet HTML 6Page - National Semiconductor (TI) THS4052CD Datasheet HTML 7Page - National Semiconductor (TI) THS4052CD Datasheet HTML 8Page - National Semiconductor (TI) THS4052CD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
4
ELECTRICAL CHARACTERISTICS AT TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise
noted)
dynamic performance
PARAMETER
TEST CONDITIONS†
THS405xC, THS405xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
Gain = 1
70
MHz
Dynamic performance small-signal bandwidth
VCC = ±5 V
Gain = 1
70
MHz
Dynamic performance small-signal bandwidth
(−3 dB)
VCC = ±15 V
Gain = 2
38
MHz
BW
(−3 dB)
VCC = ±5 V
Gain = 2
38
MHz
BW
Bandwidth for 0.1 dB flatness
VCC = ±15 V
Gain = 1
30
MHz
Bandwidth for 0.1 dB flatness
VCC = ±5 V
Gain = 1
30
MHz
Full power bandwidth§
VO(pp) = 20 V,
VCC = ±15 V
3.8
MHz
Full power bandwidth§
VO(pp) = 5 V,
VCC = ±5 V
12.7
MHz
SR
Slew rate‡
VCC = ±15 V,
20-V step,
Gain = 5
240
V/ s
SR
Slew rate‡
VCC = ±5 V,
5-V step
Gain = −1
200
V/
µs
Settling time to 0.1%
VCC = ±15 V,
5-V step
Gain = −1
60
ns
ts
Settling time to 0.1%
VCC = ±5 V,
2-V step
Gain = −1
60
ns
ts
Settling time to 0.01%
VCC = ±15 V,
5-V step
Gain = −1
130
ns
Settling time to 0.01%
VCC = ±5 V,
2-V step
Gain = −1
140
ns
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
‡ Slew rate is measured from an output level range of 25% to 75%.
§ Full power bandwidth = slew rate/2 πVO(Peak).
noise/distortion performance
PARAMETER
TEST CONDITIONS†
THS405xC, THS405xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL = 150 Ω
−82
THD
Total harmonic distortion
VO(pp) = 2 V,
VCC = ±15 V
RL = 1 kΩ
−89
dBc
THD
Total harmonic distortion
VO(pp) = 2 V,
f = 1 MHz,
Gain = 2
VCC = ±5 V
RL = 150 Ω
−78
dBc
f = 1 MHz,
Gain = 2
VCC = ±5 V
RL = 1 kΩ
−87
Vn
Input voltage noise
VCC = ±5 V or ±15 V,
f = 10 kHz
14
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V,
f = 10 kHz
0.9
pA/
√Hz
Differential gain error
Gain = 2,
NTSC,
VCC = ±15 V
0.01%
Differential gain error
Gain = 2,
40 IRE modulation,
NTSC,
±100 IRE ramp
VCC = ±5 V
0.01%
Differential phase error
Gain = 2,
NTSC,
VCC = ±15 V
0.01
°
Differential phase error
Gain = 2,
40 IRE modulation,
NTSC,
±100 IRE ramp
VCC = ±5 V
0.03
°
Channel-to-channel
crosstalk
(THS4052 only)
VCC = ±5 V or ±15 V,
f = 1 MHz
−57
dB
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com