Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4081CD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4081CD
Description  175 MHz High Speed AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4081CD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  THS4081CD Datasheet HTML 1Page - National Semiconductor (TI) THS4081CD Datasheet HTML 2Page - National Semiconductor (TI) THS4081CD Datasheet HTML 3Page - National Semiconductor (TI) THS4081CD Datasheet HTML 4Page - National Semiconductor (TI) THS4081CD Datasheet HTML 5Page - National Semiconductor (TI) THS4081CD Datasheet HTML 6Page - National Semiconductor (TI) THS4081CD Datasheet HTML 7Page - National Semiconductor (TI) THS4081CD Datasheet HTML 8Page - National Semiconductor (TI) THS4081CD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
THS4081, THS4082
175MHz LOW POWER HIGHSPEED AMPLIFIERS
SLOS274D − DECEMBER 1999 − REVISED JUNE 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Ultralow 3.4 mA Per Channel Quiescent
Current
D High Speed
− 175 MHz Bandwidth (−3 dB, G = 1)
− 230 V/
µs Slew Rate
− 43 ns Settling Time (0.1%)
D High Output Drive, IO = 85 mA (typ)
D Excellent Video Performance
− 35 MHz Bandwidth (0.1 dB, G = 1)
− 0.01% Differential Gain
− 0.05
° Differential Phase
D Very Low Distortion
− THD = −64 dBc (f = 1 MHz, RL = 150 Ω)
− THD = −79 dBc (f = 1 MHz, RL = 1 kΩ)
D Wide Range of Power Supplies
− VCC = ±5 V to ±15 V
D Available in Standard SOIC or MSOP
PowerPAD
 Package
D Evaluation Module Available
description
The THS4081 and THS4082 are ultralow-power,
high-speed voltage feedback amplifiers that are
ideal for communication and video applications.
These amplifiers operate off of a very low 3.4-mA
quiescent current per channel and have a high
output drive capability of 85 mA. The signal-
amplifier
THS4081
and
the
dual-amplifier
THS4082 offer very good ac performance with
175-MHz bandwidth, 230-V/
µs slew rate, and
43-ns settling time (0.1%). With total harmonic
distortion (THD) of −64 dBc at f = 1 MHz, the
THS4081 and THS4082 are ideally suited for
applications requiring low distortion.
RELATED DEVICES
DEVICE
DESCRIPTION
THS4011/2
THS4031/2
THS4051/2
290-MHz Low Distortion High-Speed Amplifiers
100-MHz Low Noise High Speed-Amplifiers
70-MHz High-Speed Amplifiers
PowerPAD is a trademark of Texas Instruments.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NC − No internal connection
Cross Section View Showing
PowerPAD
 Option (DGN)
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
5
7
9
11
13
15
TA=85°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
± VCC - Supply Voltage - V
TA=−40°C
TA=25°C
1
2
3
4
8
7
6
5
NC
IN −
IN +
VCC−
NC
VCC+
OUT
NC
THS4081
D OR DGN PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
VCC−
VCC+
2OUT
2IN −
2IN+
THS4082
D OR DGN PACKAGE
(TOP VIEW)
CAUTION: The THS4081 and THS4082 provide ESD protection circuitry. However, permanent damage can still occur if this device
is subjected to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance
degradation or loss of functionality.


Similar Part No. - THS4081CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4081CD TI-THS4081CD Datasheet
384Kb / 24P
175-MHz LOW-POWER HIGH-SPEED AMPLIFIERS
THS4081CD TI1-THS4081CD Datasheet
947Kb / 32P
175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
THS4081CDG4 TI1-THS4081CDG4 Datasheet
947Kb / 32P
175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
THS4081CDGN TI-THS4081CDGN Datasheet
384Kb / 24P
175-MHz LOW-POWER HIGH-SPEED AMPLIFIERS
THS4081CDGN TI1-THS4081CDGN Datasheet
947Kb / 32P
175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
More results

Similar Description - THS4081CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
70-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061 Datasheet
326Kb / 22P
180-MHz HIGH-SPEED AMPLIFIERS
THS4081 TI-THS4081 Datasheet
384Kb / 24P
175-MHz LOW-POWER HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
180-MHz HIGH-SPEED AMPLIFIERS
THS4081IDGNR TI1-THS4081IDGNR Datasheet
947Kb / 32P
175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
70 MHz High Speed AMPLIFIERS
THS4061 NSC-THS4061 Datasheet
985Kb / 32P
 180 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
180-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
70-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com