Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C08-R Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24C08-R
Description  8-Kbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C08-R Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24C08-R Datasheet HTML 22Page - STMicroelectronics M24C08-R Datasheet HTML 23Page - STMicroelectronics M24C08-R Datasheet HTML 24Page - STMicroelectronics M24C08-R Datasheet HTML 25Page - STMicroelectronics M24C08-R Datasheet HTML 26Page - STMicroelectronics M24C08-R Datasheet HTML 27Page - STMicroelectronics M24C08-R Datasheet HTML 28Page - STMicroelectronics M24C08-R Datasheet HTML 29Page - STMicroelectronics M24C08-R Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
DC and AC parameters
M24C08-W M24C08-R M24C08-F
26/40
DocID023924 Rev 3
Table 15. DC characteristics (M24C08-F device)
Symbol
Parameter
Test conditions(1) (in addition to
those in Table 7, Table 8 and
Table 9)
1. If the application uses the voltage range F device with 2.5 V
≤Vcc ≤5.5 V, please refer to Table 13 instead of
this table.
Min.
Max.
Unit
ILI
Input leakage current
(Ei,SCL, SDA)
VIN = VSS or VCC, device in
Standby mode
-± 2
µA
ILO
Output leakage current
VOUT = VSS or VCC, SDA in Hi-Z
-
± 2
µA
ICC
Supply current (Read)
VCC = 1.6 V(2) or 1.7 V,
fc= 400 kHz
2. 1.6 V for devices identified by process letter T.
-0.8
mA
ICC0
Supply current (Write)
Value overaged over tW,
VCC ≤ 2.5 V
-1(3)
3. Characterized only (not tested in production) for devices identified by process letter T. ICC0(max) is lower
than 0.5 mA when writing data with an ambient temperature greater than 25 °C.
mA
ICC1
Standby supply current
Device not selected(4),
VIN = VSS or VCC, VCC ≤ 1.8 V
4. The device is not selected after power-up, after a Read instruction (after the Stop condition), or after the
completion of the internal write cycle tW (tW is triggered by the correct decoding of a Write instruction).
-1
µA
VIL
Input low voltage
(SCL, SDA, WC)
2.5 V
≤ VCC
–0.45
0.3 VCC
V
VCC < 2.5 V
–0.45
0.25 VCC
V
VIH
Input high voltage
(SCL, SDA)
VCC < 2.5 V
0.75 VCC
6.5
V
Input high voltage
(WC)
VCC < 2.5 V
0.75 VCC VCC+0.6
V
VOL
Output low voltage
IOL = 0.7 mA, VCC ≤ 1.8 V
-
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com