Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B06L-R24-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L16B06L-R24-R
Description  16-BIT CONSTANT CURRENT LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B06L-R24-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button L16B06L-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 9Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
L16B06
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 13
www.unisonic.com.tw
QW-R502-A45.a
ELECTRICAL CHARACTERISTICS(Cont.)
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Supply Current
IDD(OFF)
power on all pins are
open unless VDD and
GND
3
4
mA
IDD(OFF)
input signal is static
Rrext=2.9KΩall
outputs turn off
5
6
mA
IDD(ON)
input signal is static
Rrext=2.9KΩall
outputs turn on
5
6
mA
IDD(OFF)
input signal is static
Rrext=1.05KΩall
outputs turn off
9
10
mA
IDD(ON)
input signal is static
Rrext=1.05KΩall
outputs turn on
9
10
mA
SWITCHING CHARACTERISTICS (VDD=5.0V, TA=25C, unless otherwise specified)
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Propagation Delay
(‘L’ to ‘H’)
EN-to-OUT0
tPLH
VIH=VDD, VIL=GND
RREXT=2.2kΩ,
VL=5.0V, CL=13pF
52
ns
LAT-to-OUT0
49
ns
DCK-to-DAO
20
ns
Propagation Delay
(‘H’ to ‘L’)
EN-to-OUT0
tPHL
22
ns
LAT-to-OUT0
75
ns
DCK-to-DAO
19.5
ns
Output Current Rise Time
tOR
33.5
ns
Output Current Fall Time
tOF
6
ns
Output Delay Time
(OUT(n)-to-OUT(n+1))
tOD
5
ns
SWITCHING CHARACTERISTICS (VDD=3.3V, TA=25C, unless otherwise specified)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Propagation Delay
(‘L’ to ‘H’)
EN-to-OUT0
tPLH
VIH=VDD, VIL=GND
RREXT =2.2KΩ
VL=5.0V, CL=13pF
51
ns
LAT-to-OUT0
21.5
ns
DCK-to-DAO
12
ns
Propagation Delay
(‘H’ to ‘L’)
EN-to-OUT0
tPHL
23
ns
LAT-to-OUT0
49
ns
DCK-to-DAO
11.5
ns
Output Current Rise Time
tOR
35
ns
Output Current Fall Time
tOF
10
ns
Output Delay Time
(OUT(n)-to-OUT(n+1))
tOD
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com