Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4082CD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4082CD
Description  175 MHz High Speed AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4082CD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  THS4082CD Datasheet HTML 1Page - National Semiconductor (TI) THS4082CD Datasheet HTML 2Page - National Semiconductor (TI) THS4082CD Datasheet HTML 3Page - National Semiconductor (TI) THS4082CD Datasheet HTML 4Page - National Semiconductor (TI) THS4082CD Datasheet HTML 5Page - National Semiconductor (TI) THS4082CD Datasheet HTML 6Page - National Semiconductor (TI) THS4082CD Datasheet HTML 7Page - National Semiconductor (TI) THS4082CD Datasheet HTML 8Page - National Semiconductor (TI) THS4082CD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
THS4081, THS4082
175MHz LOW POWER HIGHSPEED AMPLIFIERS
SLOS274D − DECEMBER 1999 − REVISED JUNE 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
NUMBER OF
CHANNELS
PLASTIC
SMALL OUTLINE†
(D)
PLASTIC
MSOP†
(DGN)
MSOP
SYMBOL
EVALUATION
MODULE
0
°C to 70°C
1
THS4081CD
THS4081CDGN
AEO
THS4081EVM
0
°C to 70°C
2
THS4082CD
THS4082CDGN
AER
THS4082EVM
−40
°C to 85°C
1
THS4081ID
THS4081IDGN
AEQ
—
−40
°C to 85°C
2
THS4082ID
THS4082IDGN
AEP
—
† The D and DGN packages are available taped and reeled. Add an R suffix to the device type (i.e., THS4081CDGN).
functional block diagram
OUT
6
IN−
IN+
2
3
Figure 1. THS4081 − Single Channel
1OUT
1IN−
1IN+
VCC
2OUT
2IN−
2IN+
−VCC
Figure 2. THS4082 − Dual Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com