Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4221DBVR Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4221DBVR
Description  LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4221DBVR Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button THS4221DBVR Datasheet HTML 3Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 4Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 5Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 6Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 7Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 8Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 9Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 10Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
THS4221, THS4225
THS4222, THS4226
SLOS399G − AUGUST 2002 − REVISED JANUARY 2004
www.ti.com
7
ELECTRICAL CHARACTERISTICS
VS = 3.3 V, RL = 499 Ω, and G = 1 unless otherwise noted
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25°C
25°C
0°C to
70°C
−40°C to
85°C
UNITS
MIN/
MAX
AC PERFORMANCE
G = 1, PIN = −7 dBm
200
MHz
Typ
Small signal bandwidth
G = 2, PIN = −13 dBm, Rf = 1 kΩ
100
MHz
Typ
Small signal bandwidth
G = 5, PIN = −21 dBm, Rf = 2 kΩ
15
MHz
Typ
G = 10, PIN = −27 dBm, Rf = 2 kΩ
12
MHz
Typ
0.1 dB flat bandwidth
G = 2, PIN = −13 dBm, Rf = 1 kΩ
50
MHz
Typ
Gain bandwidth product
G > 10, f = 1 MHz, Rf = 1.5 kΩ
120
MHz
Typ
Full-power bandwidth
G = 1, VO = 1.3 V to 2 V
50
MHz
Typ
Slew rate
G = −1, VO = 1.3 V to 2 V
120
V/µs
Min
Slew rate
G = 1, VO = 1.3 V to 2V
250
V/µs
Min
Harmonic distortion
G = 2, VO = 1 VPP, f = 5 MHz
Second harmonic distortion
RL = 499 Ω
−80
dBc
Typ
Second harmonic distortion
RL = 150 Ω
−79
dBc
Typ
Third harmonic distortion
RL = 499 Ω
−91
dBc
Typ
Third harmonic distortion
RL = 150 Ω
−92
dBc
Typ
Input voltage noise
f = 1 MHz
13
nV/√Hz
Typ
Input current noise
f = 1 MHz
0.8
pA/√Hz
Typ
Crosstalk (dual only)
f = 5 MHz Ch-to-Ch
−90
dB
Typ
DC PERFORMANCE
Open-loop voltage gain (AOL)
VO = 1.35 V to 1.95 V
98
80
75
75
dB
Min
Input offset voltage
VCM = 1.65 V
3
10
16
16
mV
Max
Average offset voltage drift
VCM = 1.65 V
±20
±20
µV/_C
Typ
Input bias current
VCM = 1.65 V
0.9
3
5
5
µA
Max
Average offset voltage drift
VCM = 1.65 V
±10
±10
µV/_C
Typ
Input offset current
VCM = 1.65 V
100
500
700
700
nA
Max
Average offset current drift
VCM = 1.65 V
±10
±10
nA/_C
Typ
INPUT CHARACTERISTICS
Common-mode input range
1 / 2.3
1.1/2.2
V
Min
Common-mode rejection ratio
VCM = 1.35 V to 1.95 V
92
74
69
69
dB
Min
Input resistance
33
MΩ
Typ
Input capacitance
Common-mode / differential
1 / 0.5
pF
Max
OUTPUT CHARACTERISTICS
Output voltage swing
RL = 499 Ω
0.15/3.15
0.3/3.0
0.35/2.95 0.35/2.95
V
Min
Output voltage swing
RL = 2 kΩ
0.1 / 3.2
V
Min
Output current (sourcing)
RL = 20 Ω
50
45
40
40
mA
Min
Output current (sinking)
RL = 20 Ω
−50
−45
−40
−40
mA
Min
Output impedance
f = 1 MHz
0.02
Ω
Typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com