Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4221DBVT Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4221DBVT
Description  LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4221DBVT Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button THS4221DBVT Datasheet HTML 7Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 8Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 9Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 10Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 11Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 12Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 13Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 14Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
THS4221, THS4225
THS4222, THS4226
SLOS399G − AUGUST 2002 − REVISED JANUARY 2004
www.ti.com
11
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
HARMONIC DISTORTION
vs
FREQUENCY
f − Frequency − MHz
Gain = 1
RL = 150 Ω
VO = 2 VPP
VS = ±5 V
Figure 4
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
HARMONIC DISTORTION
vs
FREQUENCY
f − Frequency − MHz
Gain = 1
RL = 499 Ω
VO = 2 VPP
VS = ±5 V
Figure 5
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO − Output Voltage Swing − V
HD3, 5 V
HD2, ±5 V
and 5 V
HD3, ±5 V
Gain = 1
RL = 499 Ω
f = 8 MHz
Figure 6
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO − Output Voltage Swing − V
HD3, 5 V
HD2, ±5 V
HD3, ±5 V
Gain = 1
RL = 499 Ω
f= 30 MHz
HD2, 5 V
Figure 7
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
HARMONIC DISTORTION
vs
FREQUENCY
f − Frequency − MHz
Gain = 1
RL = 150 Ω
VO = 2 VPP
VS = 5 V
Figure 8
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
HARMONIC DISTORTION
vs
FREQUENCY
f − Frequency − MHz
Gain = 1
RL = 499 Ω
VO = 2 VPP
VS = 5 V
Figure 9
Figure 10
1
10
100
1 k
10 k
100 k
1 M
10 M
0.1
1
10
Vn
In
f − Frequency − Hz
VOLTAGE AND CURRENT NOISE
vs
FREQUENCY
Figure 11
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
1
23
45
Number of Loads − 150 Ω
DIFFERENTIAL GAIN
vs
NUMBER OF LOADS
Gain = 2
Rf = 1.5 kΩ
40 IRE − NTSC
Worst Case ±100
IRE Ramp
VS = 5 V
VS = ±5 V
Figure 12
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
012
34
5
Number of Loads − 150 Ω
DIFFERENTIAL PHASE
vs
NUMBER OF LOADS
Gain = 2
Rf = 1.5 kΩ
40 IRE − NTSC
Worst Case ±100 IRE Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com