Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2800L-P08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L2800L-P08-R
Description  SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2800L-P08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L2800L-P08-R Datasheet HTML 1Page - Unisonic Technologies L2800L-P08-R Datasheet HTML 2Page - Unisonic Technologies L2800L-P08-R Datasheet HTML 3Page - Unisonic Technologies L2800L-P08-R Datasheet HTML 4Page - Unisonic Technologies L2800L-P08-R Datasheet HTML 5Page - Unisonic Technologies L2800L-P08-R Datasheet HTML 6Page - Unisonic Technologies L2800L-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
L2800
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R103-030.C
ABSOLUTE MAXIMUM RATINGS (TA=25C)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
16
V
Output Source Current
IO
+
-50
mA
Output Sink Current
IO
-
50
mA
Power Dissipation (Note2)
SOP-8
PD
570
mW
TSSOP-8
580
Storage Temperature
TSTG
-55 ~ +125
C
Operating Temperature
TOPR
-30 ~ +85
C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. When mounted on a 10cm square double-sided epoxy board.
RECOMMENDED OPERATING CONDITIONS (TA=25C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Power Supply Voltage
VCC
1.8
15
V
Error Amplifier Input Voltage
VI
-0.2
1.0
V
BR/CTL Pin Input Voltage
VBR
-0.2
VCC
V
Output Source Current
IO
+
-40
mA
Output Sink Current
IO
-
40
mA
SCP Pin Capacitance
CPE
0.1
μF
Phase Compensation Capacitance
CP
0.1
μF
Output Current Setting Resistance
RB
150
390
5000
Timing Resistance
RT
1.0
3.0
10.0
kΩ
Timing Capacitance
CT
100
270
10000
pF
Oscillation Frequency
fOSC
10
500
1000
kHz
Operating Temperature
TOPR
-30
+25
+85
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com