Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4151ID Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4151ID
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4151ID Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4151ID Datasheet HTML 5Page - National Semiconductor (TI) THS4151ID Datasheet HTML 6Page - National Semiconductor (TI) THS4151ID Datasheet HTML 7Page - National Semiconductor (TI) THS4151ID Datasheet HTML 8Page - National Semiconductor (TI) THS4151ID Datasheet HTML 9Page - National Semiconductor (TI) THS4151ID Datasheet HTML 10Page - National Semiconductor (TI) THS4151ID Datasheet HTML 11Page - National Semiconductor (TI) THS4151ID Datasheet HTML 12Page - National Semiconductor (TI) THS4151ID Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
−120
−110
−100
−90
−80
−70
0
1
2
3
4
5
3rd HD
2nd HD
5th HD
4th HD
Single Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VCC = ±5 V
f = 1 MHz
VO − Output Voltage − V
−120
−110
−100
−90
−80
−70
0
1
2
3
4
5
3rd HD
2nd HD
5th HD
4th HD
Single Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VCC = ±15 V
f = 1 MHz
VO − Output Voltage − V
−120
−110
−100
−90
−80
−70
0
1
2
3
4
5
3rd HD
2nd HD
5th HD
4th HD
Differential Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VCC = ±5 V
f = 1 MHz
VO − Output Voltage − V
−120
−110
−100
−90
−80
−70
0
1
2
3
4
5
3rd HD
2nd HD
5th HD
4th HD
Differential Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VCC = ±15 V
f = 1 MHz
VO − Output Voltage − V
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
TYPICAL CHARACTERISTICS (continued)
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 14.
Figure 15.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 16.
Figure 17.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com