Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0405SF Datasheet(PDF) 1 Page - STMicroelectronics

Part # Z0405SF
Description  Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0405SF Datasheet(HTML) 1 Page - STMicroelectronics

  Z0405SF Datasheet HTML 1Page - STMicroelectronics Z0405SF Datasheet HTML 2Page - STMicroelectronics Z0405SF Datasheet HTML 3Page - STMicroelectronics Z0405SF Datasheet HTML 4Page - STMicroelectronics Z0405SF Datasheet HTML 5Page - STMicroelectronics Z0405SF Datasheet HTML 6Page - STMicroelectronics Z0405SF Datasheet HTML 7Page - STMicroelectronics Z0405SF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2006
Rev 7
1/8
8
Z04
Standard
4 A Triacs
Main features
Description
The Z04 series is suitable for general purpose AC
switching applications. They can be found in
applications such as home appliances
(electrovalve, pump, door lock, small lamp
control), fan speed controllers,...
Different gate current sensitivities are available,
allowing optimized performances when controlled
directly from microcontrollers.
Order codes
Symbol
Value
Unit
IT(RMS)
4A
VDRM/VRRM
600 to 800
V
IGT (Q
1)
3 to 25
mA
Part Number
Marking
Z04xxyF(1)
1.
xx = sensitivity, y = voltage
Z04xxyF(1)
A2
A1
G
G
A1
A2
TO202-3
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
Tamb = 25° C
4A
Tl = 30° C
ITSM
Non repetitive surge peak on-state current
(full cycle, Tj initial = 25° C)
F = 50 Hz
t = 20 ms
20
A
F = 60 Hz
t = 16.7 ms
21
I²tI²t Value for fusing
tp = 10 ms
2.2
A²s
dI/dt
Critical rate of rise of on-state current IG =
2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125° C
20
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125° C
1.2
A
PG(AV)
Average gate power dissipation
Tj = 125° C
0.2
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
° C
www.st.com


Similar Part No. - Z0405SF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0405SF STMICROELECTRONICS-Z0405SF Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
Z0405SF0AA2 STMICROELECTRONICS-Z0405SF0AA2 Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
More results

Similar Description - Z0405SF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1212-01 ONSEMI-1212-01 Datasheet
61Kb / 2P
Electronic versions are uncontrolled except when accessed directly
January, 2011 ??Rev. 01A
948AL-01 ONSEMI-948AL-01 Datasheet
59Kb / 2P
Electronic versions are uncontrolled except when accessed directly
December, 2008 ??Rev. 01O
848AB-01 ONSEMI-848AB-01 Datasheet
46Kb / 2P
Electronic versions are uncontrolled except when accessed directly
December, 2007 - Rev. 01C
751BD-01 ONSEMI-751BD-01 Datasheet
59Kb / 2P
Electronic versions are uncontrolled except when accessed directly
December, 2008 ??Rev. 01O
751-07 ONSEMI-751-07 Datasheet
66Kb / 3P
Electronic versions are uncontrolled except when accessed directly
February, 2011 ??Rev.07AK
517BU-01 ONSEMI-517BU-01 Datasheet
60Kb / 2P
Electronic versions are uncontrolled except when accessed directly
April, 2011 ??Rev. 01O
517BR-01 ONSEMI-517BR-01 Datasheet
59Kb / 2P
Electronic versions are uncontrolled except when accessed directly
October, 2010 ??Rev. 01O
511BJ-01 ONSEMI-511BJ-01 Datasheet
73Kb / 2P
Electronic versions are uncontrolled except when accessed directly
July, 2010 ??Rev. 01B
511AB-01 ONSEMI-511AB-01 Datasheet
63Kb / 2P
Electronic versions are uncontrolled except when accessed directly
January, 2009 ??Rev. 01B
510AK-01 ONSEMI-510AK-01 Datasheet
63Kb / 2P
Electronic versions are uncontrolled except when accessed directly
March, 2010 ??Rev. 01A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com