Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8200L-N20-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L8200L-N20-R
Description  CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8200L-N20-R Datasheet(HTML) 6 Page - Unisonic Technologies

  L8200L-N20-R Datasheet HTML 1Page - Unisonic Technologies L8200L-N20-R Datasheet HTML 2Page - Unisonic Technologies L8200L-N20-R Datasheet HTML 3Page - Unisonic Technologies L8200L-N20-R Datasheet HTML 4Page - Unisonic Technologies L8200L-N20-R Datasheet HTML 5Page - Unisonic Technologies L8200L-N20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
L8200
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R123-017.c
SINGLE UNIVERSAL BLOCK DIAGRAM
The following block diagram below shows the main elements of a single universal LNB. A single chip solution
provides all the FET and mixer bias, control signal detect for polarization and band selection and all the necessary
power management functions required within a single universal LNB.
UTC
L8200
Vertical
Horizontal
Gain Stages
GaAs/HEMT FET
Active
Mixer
IF Gain Stage
LB Osc
HB Osc
VOUT
VIN
Set-top Box
Receiver
Polarization and band switching on the UTC L8200 uses the standard 13~17V and 22kHz as defined by Astra.
The exception is that the devices voltage detector has a much tighter tolerance than required to increase field
reliability.
The single VIN pin is used internally for three functions, LNB and IC power supply, voltage detection and tone
detection. The IC’s is self powering via an internal regulator which utilizes the 13~17V control voltage from the
satellite receiver. The regulated voltage is used to supply the IC and is also outputted to the Vout pin to provide the
power supply for the remaining element of the LNB such as the IF amplifiers. The 13~17V from the receiver is feed
via a tight tolerance voltage detector with integrated filtering which removes unwanted signals or interference. The
results from the detectors output enables one of 2 bias circuits to turn one of either Fet1 or FET2 on. The internal
tone detector allows the device to detect the 22kHz tone which is superimposed on the LNB power line (13~17V
signal), this is achieved with no external filtering components. The tone detector rejects all unwanted signals
including transients from other parts of the LNB system. The tone detector controls a drive circuits which powers and
one of two oscillators, normally used to switch between low and high band in universal applications. The functional
table below shows the operation of the FET and Mixer bias, oscillator output and the LNB power supply.
FUNCTION TABLE
INPUTS
OUTPUTS
VIN (V)
FIN (kHZ)
FET1
FET2
FET3
MIXER
LB(V)
HB(V
VOUT (V)
<14.1
0
Disabled
Active
Active
Active
5.0
0
5.0
>15.4
0
Active
Disabled
Active
Active
5.0
5.0
<14.1
22
Disabled
Active
Active
Active
0
5.0
5.0
>15.4
22
Active
Disabled
Active
Active
0
5.0
5.0
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com