Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8200G-N20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L8200G-N20-R
Description  CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8200G-N20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L8200G-N20-R Datasheet HTML 1Page - Unisonic Technologies L8200G-N20-R Datasheet HTML 2Page - Unisonic Technologies L8200G-N20-R Datasheet HTML 3Page - Unisonic Technologies L8200G-N20-R Datasheet HTML 4Page - Unisonic Technologies L8200G-N20-R Datasheet HTML 5Page - Unisonic Technologies L8200G-N20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
L8200
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R123-017.c
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gate Characteristics
G1 Output
Voltage Off
VGIO
Id1=0, Vin=14V, ig1=0
-0.05
0
0.05
V
Voltage Low
VGIL
Id1≤12mA, Vin=15.5V,
ig1=-10uA
-3.0
-2.5
-2.0
V
Voltage High
VGIH
Id1≥8mA, Vin=15.5V, Ig1=0
0.4
0.65
1.0
V
G2 Output
Voltage Off
VG2O
Id2=0, Vin=15.5V, ig2=0
-0.05
0
0.05
V
Voltage Low
VG2L
Id2≤12mA, Vin=14V,
ig2=-10uA
-3.0
-2.5
-2.0
V
Voltage High
VG2H
Id2≥8mA, Vin=14V, Ig2=0
0.4
0.65
1.0
V
G3 Output
Voltage Low
VG3L
Id3/m≤12mA, Ig3/m=-10uA
-3.0
-2.5
-2.0
V
Voltage High
VG3H
Id3/m≥8mA,Ig3/m=0
0.4
0.5
1.0
V
Drain Characteristics
D1 Output
Voltage High
VD1
Id1=10mA, Vin=15.5V
1.8
2.0
2.2
V
Leakage Current
ILEAK1
Vd1=0.5, Vin=14V
10
uA
D2 Output
Voltage High
VD2
Id2=10mA, Vin=14V
1.8
2.0
2.2
V
Leakage Current
ILEAK2
Vd2=0.5, Vin=15.5V
10
uA
D3 Output
Voltage High
VD3
Id3=10mA, Vin=15.5V
1.8
2.0
2.2
V
Dm Output
Voltage High
VDM
Idm=10mA
0.5
0.6
0.7
V
D1, 2, 3 and M
Delta Vd vs VIN
∆VDV
VIN=9~21V
0.5
%/V
Delta Vd vs TJ
∆VDT
TJ=-40~+85°C
50
ppm
FET Current Range
Id1, Id2 & Id3
0
15
mA
Mixer Current Range
Idm
0
10
mA
Drain Current
ID
Id1, Id2, Id3 & Idm, RcalA &
RcalM=22kΩ
8
10
12
mA
Delta Id vs Vcc
∆IDV
Vcc=9~21V
0.5
%/V
Delta Id vs TJ
∆IDT
TJ=-40~+85°C
0.05
%/°C
Notes: 1. These parameters are related to Rcal values
2. The total combined load currents should not exceed the stated maximum load current.
3. The UTC L8200 series will also reject DiSEqC and other common switching tone bursts.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com