Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8401G-R16-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L8401G-R16-T
Description  FET BIAS CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8401G-R16-T Datasheet(HTML) 2 Page - Unisonic Technologies

  L8401G-R16-T Datasheet HTML 1Page - Unisonic Technologies L8401G-R16-T Datasheet HTML 2Page - Unisonic Technologies L8401G-R16-T Datasheet HTML 3Page - Unisonic Technologies L8401G-R16-T Datasheet HTML 4Page - Unisonic Technologies L8401G-R16-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
L8401
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R123-018.a
PIN CONFIGURATION
FUNCTIONAL DIAGRAM
Fig.1
FUNCTIONAL DESCRIPTION
The UTC L8401 includes one negative supply required for gate biasing from the single supply voltage, and all the
other bias requirements for external FETs.
A low current negative supply voltage includes an internal OSC and two 47nF external cap. The negative rail
generator is common to all devices. This negative supply voltage used to drive the FET’s gate to obtain the required
drain current because of he FET is a depletion mode transistor.
There are for stages in the IC to baising the four external FETS. The drain voltage of the external FET FET1~4 is
2.2 volts set by the UTC L8401.
The drain current of external FET is determined by the external resist RCAL1 or RCAL2. External resistor RCAL1 sets
the drain current of FET1 and FET 2, and resistor RCAL2 sets the drain current of FET3 and FET4.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com