Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1596G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LD1596G-S08-R
Description  2A 150kHz 40V BUCK DC/DC CONVERTER WITH LED DRIVER AND BATTERY CHARGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1596G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LD1596G-S08-R Datasheet HTML 1Page - Unisonic Technologies LD1596G-S08-R Datasheet HTML 2Page - Unisonic Technologies LD1596G-S08-R Datasheet HTML 3Page - Unisonic Technologies LD1596G-S08-R Datasheet HTML 4Page - Unisonic Technologies LD1596G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LD1596
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-A36.a
TYPICAL APPLICATION CIRCUIT
UTC
LD1596
46
1, 2
7, 8
35
FB
VIN
SW
CS
GND
EN
+12~24V
D1
1N5821
COUT
220uF/35V
VOUT
Battery
L 47uH
C1
105
CIN
220uF/35V
R1
R2
CFF 33nF
Rcs
VOUT=1.235×(1+R2/R1)
Icharge=0.155V/Rcs
Figure 1. UTC
Typical Application Circuit (Li Battery Charger)
UTC
LD1596
46
1, 2
7, 8
35
FB
VIN
SW
CS
GND
EN
+6~36V
SK34
COUT
100uF/25V
LED 1~5W
L 33uH
C1
105
CIN
100uF/50V
Rcs
Icharge=0.155V/Rcs
Figure 2. UTC
Typical Application Circuit (LED Constant Current Driver)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com