Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4501 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  THS4501 Datasheet HTML 1Page - National Semiconductor (TI) THS4501 Datasheet HTML 2Page - National Semiconductor (TI) THS4501 Datasheet HTML 3Page - National Semiconductor (TI) THS4501 Datasheet HTML 4Page - National Semiconductor (TI) THS4501 Datasheet HTML 5Page - National Semiconductor (TI) THS4501 Datasheet HTML 6Page - National Semiconductor (TI) THS4501 Datasheet HTML 7Page - National Semiconductor (TI) THS4501 Datasheet HTML 8Page - National Semiconductor (TI) THS4501 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
(TOPVIEW)
THS4501
D,DGN,DGK
(TOPVIEW)
THS4500
D,DGN,DGK
V
IN- 1
2
3
4
8
7
6
5
V
OCM
V
S+
V
OUT+
V
IN+
V
S-
V
OUT-
PD
V
IN- 1
2
3
4
8
7
6
5
V
OCM
V
S+
V
OUT+
V
IN+
V
S-
V
OUT-
NC
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
PACKAGE/ORDERING INFORMATION(1)
ORDERABLE PACKAGE AND NUMBER
PLASTIC MSOP(2)
TEMPERATURE
PLASTIC MSOP(2)
PLASTIC SMALL
PowerPAD
OUTLINE (D)
DGN
SYMBOL
DGK
SYMBOL
THS4500CD
THS4500CDGN
BFB
THS4500CDGK
ATVB
0
°C to +70°C
THS4501CD
THS4501CDGN
BFD
THS4501CDGK
ATW
THS4500ID
THS4500IDGN
BFC
THS4500IDGK
ASV
–40°C to +85°C
THS4501ID
THS4501IDGN
BFE
THS4501IDGK
ASW
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
All packages are available taped and reeled. The R suffix standard quantity is 2500. The T suffix standard quantity is 250 (for example,
THS4501DT).
PIN ASSIGNMENTS
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com