Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34412 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 34412
Description  Wiha Maxiflex Hose System 1/4
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

34412 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  34412 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
232
Wiha Maxiflex Hose System 1/4”
Bulk Segments
1/4” - 28 pc. segments. lbs. 2.38
Item No. OAL
pkg.
344 01
25.75 ft.
1
344 01
Segments 1/4” - Pack with
22 segments 11”. lbs. .08
Item No.
OAL
pkg.
344 02
280mm/11.0” 1
344 02
Maxiflex Starter Kit
2 Threaded Connectors R 1/4” & R 1/8”
3 Cylindrical Nozzles 1/16”, 1/8”, 7/32”
22 Segments - 11”. lbs. .17
Item No.
OAL
pkg.
344 90
320mm/12.6” 1
344 90
1/16” Nozzle
1/4” - Nozzle Ø 1.6mm - 1/16”. lbs. .02
Item No.
Dia.
pkg.
344 04
1.6mm/.620”
1
344 04
1/8” Nozzle
1/4” - Nozzle Ø 3.2mm - 1/8”. lbs. .02
Item No.
Dia.
pkg.
344 06
3.2mm/.125”
1
344 06
7/32” Nozzle
1/4” - Nozzle Ø 5.6mm - 7/32”. lbs. .02
Item No.
Dia.
pkg.
344 08
5.6mm/.22”
1
344 08
1/16” Nozzle 90O Bend 1/4” -
Angular Nozzle Ø 1.6mm-1/16”. lbs. .02
Item No.
Dia.
pkg.
344 14
1.6mm/.620”
1
344 14
1/8” Nozzle 90O Bend 1/4” -
Angular Nozzle Ø 3.2mm-1/8”. lbs. .02
Item No.
Dia.
pkg.
344 16
3.2mm/.125”
1
344 16
7/32” Nozzle 90O Bend 1/4” -
Angular Nozzle Ø 5.6mm-7/32”. lbs. .02
Item No.
Dia.
pkg.
344 18
5.6mm/.22”
1
344 18
Multi Hole Spray Bar 1/4” -
Right Angle Multi Hole Nozzle. lbs. .02
Item No.
Width
pkg.
344 20
24mm/.94”
1
344 20
Adapter for LcLn-1/4” lbs. .02
Item No.
OAL
pkg.
344 32
7x2mm
1
344 32
Male Double End Segment
Item No. Size
lbs.
pkg.
344 34
1/4”
.02
1
344 34
Female Double End Segment
Item No.
Size
lbs.
pkg.
344 36
1/4”
.02
1
344 36
BSPT Threaded Connector
R 1/8” lbs. .03
Item No.
Size
pkg.
344 22
1/8”
1
344 22
BSPT Threaded Connector
R 1/4” lbs. .03
Item No.
Size
pkg.
344 24
1/4”
1
344 24
NPT Threaded Connector
R 1/8” lbs. .02
Item No.
Size
pkg.
344 26
1/8”
1
344 26
NPT Threaded Connector
R 1/4” lbs. .02
Item No.
Size
pkg.
344 28
1/4”
1
344 28
1/4” Y-Junction lbs. .02
Item No.
Size
pkg.
344 30
1/4”
1
344 30
In Line Valve lbs. .03
Item No.
Size
pkg.
344 38
1/4”
1
344 38
Segment Clip lbs. .02
Item No.
Size
pkg.
344 40
1/4”
1
344 40
Separation Wedge lbs. .06
Item No.
Size
pkg.
344 42
1/4”
1
344 42
Assembly Pliers lbs. .38
Item No.
Size
pkg.
344 44
1/4”
1
344 44
Straight Flat Nozzle
1/4” - Flat Nozzle 24mm wide. lbs. .03
Item No.
Width
pkg.
344 10
24mm/.94”
1
344 10
Straight Multi Hole Nozzle
1/4” - Multi Hole Nozzle. lbs. .02
Item No.
Width
pkg.
344 12
24mm/.94
1
344 12
7 Holes
.060 Hole
Diameter
7 Holes
.078 Hole
Diameter
All components are in single unit package
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT
Go To
Image Index
Go To
Numerical Index


Similar Part No. - 34412

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
34412 BELDEN-34412 Datasheet
142Kb / 2P
Lead Wire, #12 Str TC, CSPE Ins, AWM 3191
05-05-2023
34412-002500 BELDEN-34412-002500 Datasheet
142Kb / 2P
Lead Wire, #12 Str TC, CSPE Ins, AWM 3191
05-05-2023
34412-005500 BELDEN-34412-005500 Datasheet
142Kb / 2P
Lead Wire, #12 Str TC, CSPE Ins, AWM 3191
05-05-2023
34412-008500 BELDEN-34412-008500 Datasheet
142Kb / 2P
Lead Wire, #12 Str TC, CSPE Ins, AWM 3191
05-05-2023
34412-010100 BELDEN-34412-010100 Datasheet
142Kb / 2P
Lead Wire, #12 Str TC, CSPE Ins, AWM 3191
05-05-2023
More results

Similar Description - 34412

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QSQS-HOS-1M RALSTON-QSQS-HOS-1M Datasheet
320Kb / 1P
Quick-test hose, S.S. hose ends, 1 m (3.3 ft) long
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
31-328 ETC2-31-328 Datasheet
259Kb / 1P
Wiha Insulated 1/4 Sockets & Sets
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
36590 ETC2-36590 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
71322 ETC2-71322 Datasheet
170Kb / 1P
Wiha Sockets
32919 ETC2-32919 Datasheet
199Kb / 1P
Wiha ComfortGrip Pliers
logo
Ralston Instruments.
XTXT-HOS-1M RALSTON-XTXT-HOS-1M Datasheet
269Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 1 meter long
XTXT-HOS-1M RALSTON-XTXT-HOS-1M_19 Datasheet
299Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 1 meter long
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com