Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4532IPW Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4532IPW
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4532IPW Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button THS4532IPW Datasheet HTML 25Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 26Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 27Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 28Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 29Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 30Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 31Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 32Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
60 kΩ
60 kΩ
V
S+
V
S–
Internal
V
OCM Circuit
I
EXT
V
OCM
(
)
-
-
=
OCM
S+
S-
EXT
2V
V
V
I
60kΩ
æ
ö æ
ö
´
+
´
ç
÷ ç
÷
+
+
è
ø è
ø
G
F
OUT+
IN-
G
F
G
F
R
R
V
V
R
R
R
R
THS4532
www.ti.com
SLOS829 – FEBRUARY 2013
Input Common-Mode Voltage Range
The input common-model voltage of a fully differential op amp is the voltage at the “+ and –“ input pins of the op
amp.
It is important to not violate the input common-mode voltage range (VICR) of the op amp. Assuming the op amp is
in linear operation the voltage across the input pins is only a few millivolts at most. So finding the voltage at one
input pin will determine the input common-mode voltage of the op amp.
Treating the negative input as a summing node, the voltage is given by:
(1)
To determine the VICR of the op amp, the voltage at the negative input is evaluated at the extremes of VOUT+.
As the gain of the op amp increases, the input common-mode voltage becomes closer and closer to the input
common-mode voltage of the source.
Setting the Output Common-Mode Voltage
The output common-model voltage is set by the voltage at the VOCM pin and the internal circuit works to maintain
the output common-mode voltage as close as possible to this voltage. If left unconnected, the output common-
mode is set to mid-supply by internal circuitry, which may be over-driven from an external source. Figure 78 is
representative of the VOCM input. The internal VOCM circuit has about 24MHz of -3dB bandwidth, which is required
for best performance, but it is intended to be a DC bias input pin. Bypass capacitors are recommended on this
pin to reduce noise. The external current required to overdrive the internal resistor divider is given approximately
by the formula:
(2)
where VOCM is the voltage applied to the VOCM pin.
Figure 78. Simplified VOCM Input Circuit
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com