Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431CD Datasheet(PDF) 4 Page - Motorola, Inc

Part # TL431CD
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL431CD Datasheet(HTML) 4 Page - Motorola, Inc

  TL431CD Datasheet HTML 1Page - Motorola, Inc TL431CD Datasheet HTML 2Page - Motorola, Inc TL431CD Datasheet HTML 3Page - Motorola, Inc TL431CD Datasheet HTML 4Page - Motorola, Inc TL431CD Datasheet HTML 5Page - Motorola, Inc TL431CD Datasheet HTML 6Page - Motorola, Inc TL431CD Datasheet HTML 7Page - Motorola, Inc TL431CD Datasheet HTML 8Page - Motorola, Inc TL431CD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TL431, A, B Series
4
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted.)
Ch
i i
Sb l
TL431AI
TL431AC
TL431B
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Reference Input Voltage (Figure 1)
Vref
V
VKA = Vref, IK = 10 mA
TA = 25°C
2.47
2.495
2.52
2.47
2.495
2.52
2.483
2.495
2.507
TA = Tlow to Thigh
2.44
–
2.55
2.453
–
2.537
2.475
2.495
2.515
Reference Input Voltage Deviation Over
∆Vref
–
7.0
–
–
3.0
–
–
3.0
–
mV
Temperature Range (Figure 1, Notes 1, 2)
VKA= Vref, IK = 10 mA
Ratio of Change in Reference Input Voltage
DV
ref
mV/V
to Change in Cathode to Anode Voltage
ref
DV
KA
IK = 10 mA (Figure 2),
DV
KA
∆VKA = 10 V to Vref
–
–1.4
–2.7
–
–1.4
–2.7
–
–1.4
–2.7
∆VKA = 36 V to 10 V
–
–1.0
–2.0
–
–1.0
–2.0
–
–1.0
–2.0
Reference Input Current (Figure 2)
∆Iref
µA
IK = 10 mA, R1 = 10 k, R2 = ∞
TA = 25°C
–
1.8
4.0
–
1.8
4.0
–
1.1
2.0
TA = Tlow to Thigh (Note 1)
–
–
6.5
–
–
5.2
–
–
4.0
Reference Input Current Deviation Over
∆Iref
–
0.8
2.5
–
0.4
1.2
–
0.4
1.2
µA
Temperature Range (Figure 2, Note 1)
IK = 10 mA, R1 = 10 k, R2 = ∞
Minimum Cathode Current For Regulation
Imin
–
0.5
1.0
–
0.5
1.0
–
0.5
1.0
mA
VKA = Vref (Figure 1)
Off–State Cathode Current (Figure 3)
Ioff
–
260
1000
–
260
1000
–
230
500
nA
VKA = 36 V, Vref = 0 V
Dynamic Impedance (Figure 1, Note 3)
|ZKA|
–
0.22
0.5
–
0.22
0.5
–
0.14
0.3
Ω
VKA = Vref, ∆IK = 1.0 mA to 100 mA
f
≤ 1.0 kHz
NOTES: 1. Tlow = –40°C for TL431AIP TL431AILP, TL431IP, TL431ILP, TL431BID, TL431BIP, TL431BILP, TL431AIDM, TL431IDM, TL431BIDM
=0
°C for TL431ACP, TL431ACLP, TL431CP, TL431CLP, TL431CD, TL431ACD, TL431BCD, TL431BCP, TL431BCLP, TL431CDM,
TL431ACDM, TL431BCDM
Thigh= +85°C for TL431AIP, TL431AILP, TL431IP, TL431ILP, TL431BID, TL431BIP, TL431BILP, TL431IDM, TL431AIDM, TL431BIDM
= +70
°C for TL431ACP, TL431ACLP, TL431CP, TL431ACD, TL431BCD, TL431BCP, TL431BCLP, TL431CDM, TL431ACDM, TL431BCDM
2. The deviation parameter
∆Vref is defined as the difference between the maximum and minimum values obtained over the full operating ambient
temperature range that applies.
∆Vref = Vref max
–Vref min
∆TA = T2 – T1
T2
Ambient Temperature
T1
Vref min
Vref max
The average temperature coefficient of the reference input voltage,
αVref is defined as:
V
ref
ppm
_C
+
D V
ref
V
ref
@25
_C
X106
D T
A
+
D V
ref
x106
D T
A
(V
ref
@25
_C)
αVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature. (Refer to Figure 6.)
Example :
DV
ref +
8.0 mV and slope is positive,
V
ref
@25
_C + 2.495 V, DT
A +
70
_C
a V
ref +
0.008 x 106
70 (2.495)
+ 45.8 ppm _C
3. The dynamic impedance ZKA is defined as |ZKA| +
D V
KA
D I
K
When the device is programmed with two external resistors, R1 and R2, (refer to Figure 2) the total dynamic impedance of the circuit is defined as:
|Z
KA
|
[ |Z
KA
|
1
) R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com