Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4631 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4631
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4631 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button THS4631 Datasheet HTML 9Page - National Semiconductor (TI) THS4631 Datasheet HTML 10Page - National Semiconductor (TI) THS4631 Datasheet HTML 11Page - National Semiconductor (TI) THS4631 Datasheet HTML 12Page - National Semiconductor (TI) THS4631 Datasheet HTML 13Page - National Semiconductor (TI) THS4631 Datasheet HTML 14Page - National Semiconductor (TI) THS4631 Datasheet HTML 15Page - National Semiconductor (TI) THS4631 Datasheet HTML 16Page - National Semiconductor (TI) THS4631 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
_
+
Rf
4kT = 1.6E−20J
at 290K
IBN
EO
ERF
RS
ERS
IBI
Rg
ENI
4kTRS
4kT
Rg
4kTRf
E
O +
E 2
NI
) IBNRS
2
) 4kTRS NG
2 ) IBIRf
2
) 4kTRfNG
E
N
+
E 2
NI
) IBNRS
2
) 4kTRS )
I
BIRf
NG
2
)
4kTR
f
NG
THS4631
www.ti.com
SLOS451B
– DECEMBER 2004 – REVISED AUGUST 2011
SUMMARY OF KEY DECISIONS IN
feedback resistors this large or anticipate using an
TRANSIMPEDANCE DESIGN
external compensation scheme to stabilize the circuit.
Using a simple capacitor in parallel with the feedback
The following is a simplified process for basic
resistor makes the amplifier more stable as shown in
transimpedance circuit design. This process gives a
the Typical Characteristics graphs.
start to the design process, though it does ignore
some aspects that may be critical to the circuit.
NOISE ANALYSIS
STEP 1: Determine the capacitance of the source.
High slew rate, unity gain stable, voltage-feedback
STEP 2: Calculate the total source capacitance,
operational amplifiers usually achieve their slew rate
including the amplifier input capacitance, CI(CM)
at the expense of a higher input noise voltage. The
and CI(DIFF).
7 nV/
√Hz input voltage noise for the THS4631 is,
however, much lower than comparable amplifiers
STEP 3: Determine the magnitude of the possible
while achieving high slew rates. The input-referred
current output from the source, including the
voltage noise, and the input-referred current noise
minimum signal current anticipated and
term, combine to give low output noise under a wide
maximum signal current anticipated.
variety of operating conditions. Figure 42 shows the
amplifier noise analysis model with all the noise terms
STEP 4: Choose a feedback resistor value such that
included. In this model, all noise terms are taken to
the input current levels create the desired
be noise voltage or current density terms in either
output signal voltages, and
nV/
√Hz or fA/√Hz.
ensure that the output voltages can
accommodate the dynamic range of the input
signal.
STEP 5: Calculate the optimum feedback
capacitance using Equation 1.
STEP 6: Calculate the bandwidth given the
resulting component values.
STEP 7: Evaluate the circuit to determine if all design
goals are satisfied.
SELECTION OF FEEDBACK RESISTORS
Feedback resistor selection can have a significant
Figure 42. Noise Analysis Model
effect on the performance of the THS4631 in a given
application, especially in configurations with low
closed-loop gain. If the amplifier is configured for
The total output noise voltage can be computed as
unity gain, the output should be directly connected to
the square root of all square output noise voltage
the inverting input. Any resistance between these two
contributors. Equation 7 shows the general form for
points interacts with the input capacitance of the
the output noise voltage using the terms shown in
amplifier and causes an additional pole in the
Figure 42.
frequency response. For nonunity gain configurations,
low resistances are desirable for flat frequency
response. However, care must be taken not to load
the amplifier too heavily with the feedback network if
(7)
large output signals are expected. In most cases, a
Dividing this expression by the noise gain [NG = (1+
trade off is made between the frequency response
Rf/Rg)] gives the equivalent input-referred spot noise
characteristics and the loading of the amplifier. For a
voltage at the noninverting input, as shown in
gain of 2, a 499-
Ωfeedback resistor is a suitable
Equation 8:
operating point from both perspectives. If resistor
values are chosen too large, the THS4631 is subject
to oscillation problems. For example, an inverting
amplifier configuration with a 5-k
Ω gain resistor and a
5-k
Ω feedback resistor develops an oscillation due to
(8)
the interaction of the large resistors with the input
Using high resistor values can dominate the total
capacitance.
In
low
gain
configurations,
avoid
equivalent
input-referred
noise.
Using
a
3-k
Ω
source-resistance (RS) value adds a voltage noise
term of approximately 7 nV/
√Hz. This is equivalent to
the amplifier voltage noise term. Using higher resistor
Copyright
© 2004–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com