Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60113 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 60113
Description  60132 Circuit Breaker
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60113 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  60113 Datasheet HTML 1Page - List of Unclassifed Manufacturers 60113 Datasheet HTML 2Page - List of Unclassifed Manufacturers 60113 Datasheet HTML 3Page - List of Unclassifed Manufacturers 60113 Datasheet HTML 4Page - List of Unclassifed Manufacturers 60113 Datasheet HTML 5Page - List of Unclassifed Manufacturers 60113 Datasheet HTML 6Page - List of Unclassifed Manufacturers 60113 Datasheet HTML 7Page - List of Unclassifed Manufacturers 60113 Datasheet HTML 8Page - List of Unclassifed Manufacturers 60113 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
8
© 2002–2008 Schneider Electric All Rights Reserved
03/2008
Multi 9
System Catalog
Section 1—Introduction
Advantages
Multi 9 C60 circuit breakers and supplementary protectors provide several features which are
important to OEMs. These include:
•
Small, compact size
•
Easy installation on DIN rails
•
Limits let-thru current
•
Resetability, more convenient than fuses
•
Electrical auxiliaries for control and status information
•
Extensive variety of accessories
Better Protection—Multi 9 supplementary protectors and miniature circuit breakers limit let-through
current, providing faster separation of the component from the fault, thereby reducing system damage.
More Selection—More ratings compatible with low-power electronic circuits are available in the range
from 0.5 to 10 A. Others are provided in convenient steps, up to 63 A for the C60 products.
Reduction of Nuisance Tripping—Available with different trip characteristics to meet system needs:
B, C and D curves, depending on the model.
Panel Space Savings—Multi 9 products are compact. Width per pole is only 0.71 in. (18 mm) for the
C60 circuit breaker. All of the products are built in a consistent format with incremental widths of 0.35
in. (9 mm) (therefore the name Multi 9).
Easy Installation—The Multi 9 products mount easily onto a 35 mm DIN mounting rail. Large box lug
terminals (pressure plate type) are suitable for use with copper wiring up to 2 AWG for C60 circuit
breakers and supplemental protectors.
Reverse Feeding— Reverse feeding of line power is permitted.
Reliability—Each C60 miniature circuit breaker has an endurance of 10,000 operation cycles and
voltage withstand of 6000 V impulse rating.
World-Wide Availability—The Multi 9 products are available and supported throughout the world by
Schneider Electric.
From the Power Distribution Specialists—Schneider Electric can be your single source of
protection equipment, with a comprehensive line of products for OEM products or the factory. In
addition to the Multi 9 circuit breakers and supplementary protectors, these products include the
following:
•
QO® and QOU Miniature Circuit Breakers 10–125 A
•
Compact® Molded Case Circuit Breakers 15–3200 A
•
Powerpact® Electronic Trip Circuit Breakers 250–2500 A
•
Masterpact® Universal Power Circuit Breakers 250–6300 A
Figure 2:
UL 489 Listed Multi 9 C60 Circuit Breakers
1P
3P
2P



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com