Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL494L-P16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TL494L-P16-R
Description  VOLTAGE MODE PWM CONTROL CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL494L-P16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TL494L-P16-R Datasheet HTML 1Page - Unisonic Technologies TL494L-P16-R Datasheet HTML 2Page - Unisonic Technologies TL494L-P16-R Datasheet HTML 3Page - Unisonic Technologies TL494L-P16-R Datasheet HTML 4Page - Unisonic Technologies TL494L-P16-R Datasheet HTML 5Page - Unisonic Technologies TL494L-P16-R Datasheet HTML 6Page - Unisonic Technologies TL494L-P16-R Datasheet HTML 7Page - Unisonic Technologies TL494L-P16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TL494
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R103-004. I
PIN CONFIGURATION
PIN DESCRIPTION
PIN No.
SYMBAL
NAME AND FUNCTION
1, 16
NONINV INPUT
Error Amplifier NONINV Input
2, 15
INV INPUT
Error Amplifier INV Input
3
FEEDBACK
Output Feedback Voltage
4
DEAD-TIME CONTROL
Output DEAD-TIME Control
5
CT
Timing Capacitor
6
RT
Timing Resistor
7
GND
Ground
8
C1
Internal Power NPN Collect1
9
E1
Internal Power NPN Emitter1
10
E2
Internal Power NPN Emitter2
11
C2
Internal Power NPN Collect2
12
VCC
Supply Voltage
13
OUTPUT CONTROL
Output mode select
14
VREF
Reference Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com