Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL494G-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL494G-P16-R
Description  VOLTAGE MODE PWM CONTROL CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL494G-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TL494G-P16-R Datasheet HTML 1Page - Unisonic Technologies TL494G-P16-R Datasheet HTML 2Page - Unisonic Technologies TL494G-P16-R Datasheet HTML 3Page - Unisonic Technologies TL494G-P16-R Datasheet HTML 4Page - Unisonic Technologies TL494G-P16-R Datasheet HTML 5Page - Unisonic Technologies TL494G-P16-R Datasheet HTML 6Page - Unisonic Technologies TL494G-P16-R Datasheet HTML 7Page - Unisonic Technologies TL494G-P16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL494
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R103-004. I
VOLTAGE MODE PWM
CONTROL CIRCUIT
DESCRIPTION
The UTC TL494 incorporates all the functions required in the
construction of a pulse-width modulation switching circuit.
Designed primarily for switching power supply control or DC-DC
convectors, it offers the systems engineer the flexibility to tailor
control circuitry to its own application.
FEATURES
* Complete PWM power control circuitry
* Uncommitted outputs for 200mA sink or source current
* Output control selects single ended or push pull operation
* Internal circuitry prohibits double pulses over total range
* Easy synchronization
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
TL494L-D16-T
TL494G-D16-T
DIP-16
Tube
TL494L-P16-R
TL494G-P16-R
TSSOP-16
Tape Reel
TL494L-P16-T
TL494G-P16-T
TSSOP-16
Tube
TL494L-S16-R
TL494G-S16-R
SOP-16
Tape Reel
TL494L-S16-T
TL494G-S16-T
SOP-16
Tube


Similar Part No. - TL494G-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL494G-P16-R UTC-TL494G-P16-R Datasheet
317Kb / 8P
VOLTAGE MODE PWM CONTROL CIRCUIT
More results

Similar Description - TL494G-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTL494 UTC-UTCTL494 Datasheet
54Kb / 6P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
logo
Unisonic Technologies
TL494 UTC-TL494_05 Datasheet
189Kb / 7P
VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_09 Datasheet
199Kb / 7P
VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_12 Datasheet
194Kb / 7P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL494 ETL-TL494 Datasheet
291Kb / 8P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Unisonic Technologies
TL494 UTC-TL494_15 Datasheet
317Kb / 8P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
ON Semiconductor
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS3524A ONSEMI-CS3524A Datasheet
237Kb / 8P
Voltage Mode PWM Control Circuit
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com