Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB244AG-AI-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UB244AG-AI-SM1-R
Description  LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB244AG-AI-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UB244AG-AI-SM1-R Datasheet HTML 1Page - Unisonic Technologies UB244AG-AI-SM1-R Datasheet HTML 2Page - Unisonic Technologies UB244AG-AI-SM1-R Datasheet HTML 3Page - Unisonic Technologies UB244AG-AI-SM1-R Datasheet HTML 4Page - Unisonic Technologies UB244AG-AI-SM1-R Datasheet HTML 5Page - Unisonic Technologies UB244AG-AI-SM1-R Datasheet HTML 6Page - Unisonic Technologies UB244AG-AI-SM1-R Datasheet HTML 7Page - Unisonic Technologies UB244AG-AI-SM1-R Datasheet HTML 8Page - Unisonic Technologies UB244AG-AI-SM1-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB244A
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-857.a
LI-ION BATTERY PROTECTION
IC FOR 1-CELL TO 4-CELL PACK
(SECONDARY PROTECTION)
DESCRIPTION
The UTC UB244A Series is secondary protection IC for 1-, 2-, 3-,
or 4-Cell lithium-ion rechargeable battery packs, and incorporates a
high-accuracy voltage detection circuit.
The UTC UB244A Series also includes a high accuracy delay
circuit for over voltage detection time can be set by an external
capacitor.
FEATURES
* High-accuracy voltage detection circuit for each cell
* Overcharge detection voltage n (n=1 to 4): 4.05V to 4.50V
(in 50mV steps)
* Overcharge hysteresis voltage n (n=1 to 4): 0.38V±0.10V,
0.25V±0.07V, 0.13V±0.04V, 0.045V±0.02V, None
* Delay times for overcharge detection can be set by an external
capacitor
* CMOS output active “H”
* Wide operating voltage range 3.6V to 24V
* Wide operating temperature range −40°C to +85°C
* Low current consumption: 1.5μA typ. (+25°C) at 3.5V for each cell
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UB244AL-xx-SM1-R
UB244AG-xx-SM1-R
MSOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
UB244AG-xx-SM1-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(1) R: Tape Reel
(2) SM1: MSOP-8
(3) xx: Refer to Marking Information
(4) G: Halogen Free, L: Lead Free
(4)Halogen Free


Similar Part No. - UB244AG-AI-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB244AG-AI-SM1-R UTC-UB244AG-AI-SM1-R Datasheet
221Kb / 11P
LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
More results

Similar Description - UB244AG-AI-SM1-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT8660 ETC-AAT8660 Datasheet
586Kb / 24P
ONE-CELL LI-ION BATTERY PROTECTION IC
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
ONE-CELL LI-ION BATTERY PROTECTION IC
V 2.0
AAT8636 AAT-AAT8636 Datasheet
162Kb / 16P
ONE-CELL LI-ION BATTERY PROTECTION IC
V 1.0
AAT8640 AAT-AAT8640 Datasheet
609Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
AAT8641 AAT-AAT8641 Datasheet
626Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Unisonic Technologies
UB244A UTC-UB244A_17 Datasheet
221Kb / 11P
LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com