Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB244AL-AJ-SM1-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UB244AL-AJ-SM1-R
Description  LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB244AL-AJ-SM1-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UB244AL-AJ-SM1-R Datasheet HTML 3Page - Unisonic Technologies UB244AL-AJ-SM1-R Datasheet HTML 4Page - Unisonic Technologies UB244AL-AJ-SM1-R Datasheet HTML 5Page - Unisonic Technologies UB244AL-AJ-SM1-R Datasheet HTML 6Page - Unisonic Technologies UB244AL-AJ-SM1-R Datasheet HTML 7Page - Unisonic Technologies UB244AL-AJ-SM1-R Datasheet HTML 8Page - Unisonic Technologies UB244AL-AJ-SM1-R Datasheet HTML 9Page - Unisonic Technologies UB244AL-AJ-SM1-R Datasheet HTML 10Page - Unisonic Technologies UB244AL-AJ-SM1-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
UB244A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R502-857.a
TYPICAL APPLICATION CIRCUIT(Cont.)
(5) Connection Example 5 (for 1-cell)
BAT1
R1
C1
SENSE
VC1
VC2
VC3
VSS
CO
UTC
UB244A
EB+
EB-
FET
DP
SC PROTECTOR
ICT
CICT
RVCC
VCC
CVCC
Constants for External Components 5
SYMBOL
MIN
TYP
MAX
UNIT
R1
0
1 k
10 k
Ω
C1
0
0.1
1
μF
RVCC
0
100
1 k
Ω
CVCC
0
0.1
1
μF
CICT
0
0.1
1
μF
Notes:
1.
The above constants may be changed without notice.
2.
It has not been confirmed whether the operation is normal or not in circuits other than the above
example of connection. In addition, the example of connection shown above and the constant do not
guarantee proper operation. Perform through evaluation using the actual application to set the
constant.
PRECAUTIONS
1.
DO NOT connect any of overcharged batteries. Even if only one overcharged battery is connected to this IC,
the IC detects overcharge, then charge current flows to the delay capacitor through the parasitic diode between
pins where the battery is not connected yet. This may lead to a malfunction. Please perform sufficient
evaluation in the case of use. Depending on an application circuit, even when the fault charge battery is not
contained, the connection turn of a battery may be restricted in order to prevent the output of CO detection
pulse at the time of battery connection.
2.
Any position from V1 to V4 can be used when applying this IC for a one to three-cell battery. However, be sure
to short circuit between pins not in use (SENSE-VC1, VC1-VC2, VC2-VC3, or VC3-VSS).
3.
The application conditions for the input voltage, output voltage, and load current should not exceed the package
power dissipation.
4.
Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in
electrostatic protection circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com