Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4747 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SC4747
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC4747 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC4747 Datasheet HTML 1Page - Savantic, Inc. 2SC4747 Datasheet HTML 2Page - Savantic, Inc. 2SC4747 Datasheet HTML 3Page - Savantic, Inc. 2SC4747 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC4747
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA ;RBE=0
800
V
V(BR)EBO
Emitter-base breakdown voltage
IE=10mA ;IC=0
6
V
ICES
Collector cut-off current
VCE=1500V; RBE=0
0.5
mA
hFE
DC current gain
IC=1A ; VCE=5V
8
30
VCE(sat)
Collector-emitter saturation voltage
IC=8A ; IB=1.6A
5
V
VBE(sat)
Base-emitter saturation voltage
IC=8A ; IB=1.6A
1.5
V
tf
Fall time
ICP=7A;IB1=1.4A
0.3
µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com