Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB264AL-P08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UB264AL-P08-R
Description  LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB264AL-P08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UB264AL-P08-R Datasheet HTML 1Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 2Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 3Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 4Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 5Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 6Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 7Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 8Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UB264A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R502-832.A
OPERATING
1. Overcharge Detection
Under normal conditions, when the voltage of any one cell battery exceeds the overcharge detection voltage (VCU)
during charging, and after the state is retained for the overcharge detection delay time (tCU), CO will become “H”.
This state is called overcharge. Attaching FET to the CO pin provides charge control and a second protection.
Only the voltages of all the batteries decreases below the total of the overcharge detection voltage (VCU) and the
overcharge hysteresis voltage (VHC), and the state is retained for the overcharge release delay time (tCL) or longer,
CO will become “L”.
2. Overcharge Timer Reset
When an overcharge release noise that forces the voltage of the battery temporarily below the overcharge
detection voltage (VCU) is input during the overcharge detection delay time (tCU) from when VCU is exceeded to when
charging is stopped, tCU is continuously counted if the time the overcharge release noise persists is shorter than the
overcharge timer reset delay time (tTR). Under the same conditions, if the time the overcharge release noise persists
is tTR or longer, counting of tCU is reset once. After that, when VCU has been exceeded, counting tCU resumes.
3. CTL Pin
The CTL pin is used to control the output voltage of the CO pin. In the UTC UB264A Series, the CTL pin takes
precedence over the overcharge detection circuit.
CTL PIN
CO PIN
“H”
Normal state (Note 1)
Open
“H”
“L”
“H”
“L”→ “H”
-
“H” →“L”
-
Note:
1. The state is controlled by the overcharge detection circuit.
Notes:
1.
The reverse voltage “H” to “L” or “L” to “H” of CTL pin is VDD pin voltage −2.8V (Typ.), does not have
the hysteresis.
2.
Since the CTL pin implements high resistance of 8MΩ to 12MΩ for pull down, be careful of external
noise application. If an external noise is applied, CO may become “H”. Perform thorough evaluation
using the actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com