Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB264BG-P08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UB264BG-P08-R
Description  LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB264BG-P08-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UB264BG-P08-R Datasheet HTML 2Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 3Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 4Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 5Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 6Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 7Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 8Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 9Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UB264B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R502-833.A
OPERATING(Cont.)
Notes:
1.
The reverse voltage “H” to “L” or “L” to “H” of CTL pin is VDD pin voltage −2.8 V (Typ.), does not have
the hysteresis.
2.
Since the CTL pin implements high resistance of 8MΩ to 12MΩ for pull down, be careful of external
noise application. If an external noise is applied, CO may become “H”. Perform thorough evaluation
using the actual application.
3.
In the UTC UB264B Series, when the CTL pin is open or “L”, CO latches “H”. When the VDD pin
voltage is decreased to the UVLO voltage of 2 V (Typ.) or lower, the latch is reset.
4. Test Mode
In the UTC UB264B Series, the overcharge detection delay time (tCU) can be shortened by entering the test mode.
The test mode can be set by retaining the VDD pin voltage 8.5 V or more higher than the SENSE pin voltage for at
least 80ms (V1=V2=V3=V4=3.5 V, Ta=25°C). The status is retained by the internal latch and the test mode is
retained even if the VDD pin voltage is decreased to the same voltage as that of the SENSE pin. When CO becomes
“H” when the delay time has elapsed after overcharge detection, the latch for retaining the test mode is reset and the
UTC UB264B Series exits from the test mode.
tCU/64
CO Pin
Test mode
Battery voltage
(n=1 to 4)
VCUn
VHCn
Pin voltage
>8.5V
tTST
tCL
SENSE pin voltage
VDD pin voltage
Notes:
1.
When the VDD pin voltage is decreased to lower than the UVLO voltage of 2 V (Typ.), the UTC
UB264B Series returns to the normal mode.
2.
Set the test mode when no batteries are overcharged.
3.
The overcharge release delay time (tCL) is not shortened in the test mode.
4.
The overcharge timer reset delay time (tTR) is not shortened in the test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com