Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP08N100P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP08N100P
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP08N100P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP08N100P Datasheet HTML 1Page - IXYS Corporation IXTP08N100P Datasheet HTML 2Page - IXYS Corporation IXTP08N100P Datasheet HTML 3Page - IXYS Corporation IXTP08N100P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS Reserves The Right to Change Limits, Test Conditions, and Dimensions.
IXTA08N100P IXTP08N100P
IXTY08N100P
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS= 30V, ID = 0.5 • ID25, Note 1
0.35
0.60
S
C
iss
240
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
18
pF
C
rss
3.6
pF
t
d(on)
Resistive Switching Times
19
ns
t
r
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
37
ns
t
d(off)
R
G = 50Ω (External)
35
ns
t
f
34
ns
Q
g(on)
11.3
nC
Q
gs
V
GS= 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
1.7
nC
Q
gd
6.7
nC
R
thJC
3.0 °C/W
R
thCS
(TO-220)
0.50
°C/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0V
0.8 A
I
SM
Repetitive, Pulse Width Limited by T
JM
2.4 A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5 V
t
rr
I
F = 0.8A, -di/dt = 100A/μs
750
ns
V
R = 100V, VGS = 0V
Note 1: Pulse Test, t
≤ 300 μs; Duty Cycle, d ≤ 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Pins: 1 - Gate
2 - Drain
TO-220 (IXTP) Outline
TO-263 (IXTA) Outline
TO-252 (IXTY) Outline
Pins: 1 - Gate
2,4 - Drain
3 - Source
Dim.
Millimeter
Inches
Min. Max.
Min.
Max.
A
2.19
2.38
0.086
0.094
A1
0.89
1.14
0.035
0.045
A2
0
0.13
0
0.005
b
0.64
0.89
0.025
0.035
b1
0.76
1.14
0.030
0.045
b2
5.21
5.46
0.205
0.215
c
0.46
0.58
0.018
0.023
c1
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.245
D1
4.32
5.21
0.170
0.205
E
6.35
6.73
0.250
0.265
E1
4.32
5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40 10.42
0.370
0.410
L
0.51
1.02
0.020
0.040
L1
0.64
1.02
0.025
0.040
L2
0.89
1.27
0.035
0.050
L3
2.54
2.92
0.100
0.115



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com