Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP15N50L2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP15N50L2
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP15N50L2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP15N50L2 Datasheet HTML 1Page - IXYS Corporation IXTP15N50L2 Datasheet HTML 2Page - IXYS Corporation IXTP15N50L2 Datasheet HTML 3Page - IXYS Corporation IXTP15N50L2 Datasheet HTML 4Page - IXYS Corporation IXTP15N50L2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
IXYS REF: T_15N50L2(6R)12-22-11-A
IXTA15N50L2 IXTP15N50L2
IXTH15N50L2
Fig. 13. Forward-Bias Safe Operating Area
@ TC = 25ºC
0.1
1
10
100
10
100
1000
VDS - Volts
TJ = 150ºC
TC = 25ºC
Single Pulse
25µs
1ms
100µs
RDS(on) Limit
DC
10ms
100ms
Fig. 14. Forward-Bias Safe Operating Area
@ TC = 75ºC
0.1
1
10
100
10
100
1000
VDS - Volts
TJ = 150ºC
TC = 75ºC
Single Pulse
25µs
1ms
100µs
RDS(on) Limit
10ms
DC
100ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com