Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60271 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 60271
Description  60132 Circuit Breaker
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60271 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  60271 Datasheet HTML 1Page - List of Unclassifed Manufacturers 60271 Datasheet HTML 2Page - List of Unclassifed Manufacturers 60271 Datasheet HTML 3Page - List of Unclassifed Manufacturers 60271 Datasheet HTML 4Page - List of Unclassifed Manufacturers 60271 Datasheet HTML 5Page - List of Unclassifed Manufacturers 60271 Datasheet HTML 6Page - List of Unclassifed Manufacturers 60271 Datasheet HTML 7Page - List of Unclassifed Manufacturers 60271 Datasheet HTML 8Page - List of Unclassifed Manufacturers 60271 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Multi 9
System Catalog
Section 2—UL and CSA Rated Protection Devices
13
03/2008
© 2002–2008 Schneider Electric All Rights Reserved
Section 2—UL and CSA Rated Protection Devices
The Multi 9 system includes several families of miniature circuit protection devices that have the UL
ratings required in the United States and some other countries. The products are summarized below
and are described in detail on the following pages. They include the following families:
•
UL Listed C60 240 V Circuit Breakers (UL 489 and CSA C22.2 No. 5)
•
UL Listed C60 480 V Circuit Breakers (UL 489 and CSA C22.2 No. 5)
•
UL Listed C60 Circuit Breakers for use in Communication Equipment (UL 489A)
•
UL Recognized C60 Supplementary Protectors (UL 1077 and CSA C22.2 No. 235)
NOTE: Protection devices with only IEC ratings are described in Section 3, while accessories for both
the UL and IEC devices are described in Section 5.
Table 2:
Specifications for UL 489 and 489A Listed C60 Circuit Breakers
Ratings per UL Standards
UL 489 C60
(240 Vac)
UL 489 C60
(480Y/277 Vac)
UL 489A
C60
(60 Vdc)
Number of Poles
1P
2P
3P
1P
2P
3P
1P
Rated Current at 77°F (25°C)
0.5–35 A
0.5–35 A
0.5–35 A
0.5–20 A
1–20 A
1–20 A
0.5–63 A
Interrupting Ratings
as per UL 489
AC 50/60 Hz
120 V
240 V
277 V
480Y/277 V
10 kA
10 kA
—
—
—
10 kA
—
—
—
10 kA
—
—
10 kA
10 kA
10 kA
10 kA
—
10 kA
10 kA
10 kA
—
10 kA
10 kA
10 kA
—
—
—
—
DC
60 V
125 V
10 kA
—
10 kA
10 kA
—
—
—
—
—
—
—
—
10 kA
—
Ultimate Breaking Capacity
(Icu) as per IEC 60947-2
AC 50/60 Hz
240 V
415 V
440 V
10 kA
10 kA
—
20 kA
10 kA
6 kA
20 kA
10 kA
6 kA
10 kA
10 kA
—
10 kA
10 kA
6 kA
10 kA
10 kA
6 kA
—
—
—
Service Breaking Capacity (Ics) (%Icu)
75%
75%
75%
75%
75%
75%
75%
Magnetic Setting (Times
Ampere Rating)
B curve
C curve
D curve
—
7 to 10
10 to 14
—
7 to 10
10 to 14
—
7 to 14
—
Dimensions (in./mm)
Width
0.71/18
1.42/36
2.13/54
0.71/18
1.42/36
2.13/54
0.71/18
Height
box/box
ring/ring1
box/ring
4.21/107
4.86/123.4
4.54/115
4.21/107
4.86/123.4
4.54/115
4.21/107
4.86/123.4
4.54/115
5.56/141
5.56/141
—
5.56/141
5.56/141
—
5.56/141
5.56/141
—
3.19/81
—
—
Depth
3.00/76
3.00/76
3.00/76
3.00/76
3.00/76
3.00/76
3.00/76
Weight (oz./g) max.
box/box
ring/ring
box/ring
4.4/136
5.2/161
4.8/148
8.7/271
10.3/321
9.5/297
13.1/407
15.5/482
14.3/445
5.3 (166)
5.3 (166)
—
10.6/332
10.6/332
—
15.9 (498)
15.9 (498)
—
3.85/110
—
—
1
Fingersafe 240 V C60 circuit breaker ring terminal dimensions are same as the 480V C60 circuit breaker.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com