Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC2843BL-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UC2843BL-S08-R
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2843BL-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UC2843BL-S08-R Datasheet HTML 1Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 2Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 3Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 4Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 5Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 6Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 7Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UC2843B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R103-048.D
PIN CONFIGURATION
VREF
8
7
6
5
1
2
3
4
RT/CT
COMP
VFB
ISENSE
VCC
OUTPUT
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
COMP
This pin is the Error Amplifier output and is made available for loop compensation.
2
VFB
This is the inverting input of the Error Amplifier. It is normally connected to the
switching power supply output through a resistor divider.
3
ISENSE
A voltage proportional to inductor current is connected to this input. The PWM uses
this information to terminate the output switch conduction.
4
RT/CT
The Oscillator frequency and maximum Output duty cycle are programmed by
connecting resistor RT to VREF and capacitor CT to ground. Operation to 500 kHz is
possible.
5
GND
This pin is the combined control circuitry and power ground.
6
OUTPUT
This output directly drives the gate of a power MOSFET. Peak currents up to 1.0A are
sourced and sunk by this pin.
7
VCC
This pin is the positive supply of the control IC.
8
VREF
This is the reference output. It provides charging current for capacitor CT through
resistor RT.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com