Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC2843BG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC2843BG-S08-R
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2843BG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC2843BG-S08-R Datasheet HTML 1Page - Unisonic Technologies UC2843BG-S08-R Datasheet HTML 2Page - Unisonic Technologies UC2843BG-S08-R Datasheet HTML 3Page - Unisonic Technologies UC2843BG-S08-R Datasheet HTML 4Page - Unisonic Technologies UC2843BG-S08-R Datasheet HTML 5Page - Unisonic Technologies UC2843BG-S08-R Datasheet HTML 6Page - Unisonic Technologies UC2843BG-S08-R Datasheet HTML 7Page - Unisonic Technologies UC2843BG-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC2843B
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R103-048.D
HIGH-PERFORMANCE
CURRENT-MODE PWM
CONTROLLERS
DESCRIPTION
The
UTC
UC2843B
provides
off-line
or
DC-DC
fixed-frequency current-mode control design with minimum
external components. Internally-implemented circuits include an
under-voltage lockout (UVLO) and a precision reference with
accuracy at the error amplifier input. The UTC UC2843B also
contain internal circuits which include a pulse width modulation
(PWM) comparator providing current-limit control, logic ensuring
latched operation, and a totem-pole output stage designed to
source or sink high-peak current. The output stage is low when it
is in off-state condition and suitable for N-channel MOSFETs
driving.
The UTC UC2843B also has following advantages: the
start-up current lower than 0.5mA while the oscillator discharge
current is specified to 8.3mA (Typ.). In UVLO conditions, the
output has a maximum saturation voltage of 1.2V when sinking
10mA@VCC = 5V.
The typical UVLO threshold of the UTC UC2843B is 8.4V
(on) and 7.6V (off) and can operate to duty cycles approximately
100%.
FEATURES
* Current mode operation:500 kHz
* Low start-up current value<0.5mA
* Latching PWM for cycle-by-cycle current limiting
* Trimmed oscillator discharge current
* Automatic feed-forward compensation
* Internally trimmed reference with UVLO
* High-current totem-pole output UVLO with hysteresis
* Double-pulse suppression
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UC2843BL-S08-R
UC2843BG-S08-R
SOP-8
Tape Reel
UC2843BL-S08-T
UC2843BG-S08-T
SOP-8
Tube
UC2843BL-D08-T
UC2843BG-D08-T
DIP-8
Tube


Similar Part No. - UC2843BG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC2843BG-S08-R UTC-UC2843BG-S08-R Datasheet
210Kb / 9P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843BG-S08-R UTC-UC2843BG-S08-R Datasheet
285Kb / 8P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - UC2843BG-S08-R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
High Performance Current Mode PWM Controllers
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com