Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3837L-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3837L-AG6-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3837L-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3837L-AG6-R Datasheet HTML 1Page - Unisonic Technologies UC3837L-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC3837L-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC3837L-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC3837L-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC3837L-AG6-R Datasheet HTML 6Page - Unisonic Technologies UC3837L-AG6-R Datasheet HTML 7Page - Unisonic Technologies UC3837L-AG6-R Datasheet HTML 8Page - Unisonic Technologies UC3837L-AG6-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3837
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 11
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R103-069.A
LOW COST POWER-SAVING
MODE PWM CONTROLLER
FOR FLYBACK CONVERTERS
DESCRIPTION
The UC3837 is a high performance current mode PWM
controller ideally suited for low standby power. Low VDD startup
current make the power reliable on startup design and a large
value resistor could be used in the startup circuit to minimize the
standby power. At no load condition, the IC operates in
power-saving mode for lower standby power, decreasing frequency
for Higher conversion efficiency at light load condition.
The internal slope compensation improves system stability at
high PWM duty cycle output. Leading-edge blanking on current
sense input removes the signal glitch, which offering minimal
external component count in the design. Excellent EMI
performance is achieved with UTC proprietary frequency hopping
technique (ZL201020615247.1) together with soft driver control.
Audio noise is eliminated due to switch frequency more than 20kHz
during operation.
The UC3837 has such applications as: battery charger, power
adaptor, set-top box power supplies, ink jet printers, open-frame
SMPS.
FEATURES
* UTC proprietary frequency hopping technology for Improved EMI
performance.
* Power-saving mode for high light-load and standby efficiency
* Soft Start
* Dynamic peak current limiting for constant output power
* Built-in synchronized slope compensation
* OTP,OLP,OVP and VDD clamp for higher security
SOT-26
4
5
3
2
1
6
* Programming BNO for higher security
* Fixed switch frequency 65kHz
* Gate output voltage clamped at 15V
* Low start-up current
* Cycle-by-cycle Current Limiting
* Under voltage lockout (UVLO)
* Few external components required
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UC3837L-AG6-R
UC3837G-AG6-R
SOT-26
Tape Reel


Similar Part No. - UC3837L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3837L UTC-UC3837L Datasheet
332Kb / 11P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3837LG-AG6-R UTC-UC3837LG-AG6-R Datasheet
332Kb / 11P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3837L UTC-UC3837L_16 Datasheet
332Kb / 11P
LOW COST POWER-SAVING MODE PWM CONTROLLER
More results

Similar Description - UC3837L-AG6-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
Unisonic Technologies
UC3846 UTC-UC3846 Datasheet
324Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UB3846 UTC-UB3846 Datasheet
334Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3863 UTC-UC3863 Datasheet
366Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3873 UTC-UC3873 Datasheet
375Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
logo
E-Tech Electronics LTD
UC3856 ETL-UC3856 Datasheet
257Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
Low Cost Green-Mode PWM Controller for Flyback Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com