Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3845L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC3845L-S08-R
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3845L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC3845L-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3845L-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3845L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3845L-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3845L-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3845L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UC3844/45
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R103-010.G
TYPICAL CHARACTERISTICS
100
80
40
20
-20
10
100
1.0k
10k
Frequency, f (Hz)
100k
1.0M
10M
Error Amp Open Loop Gain Phase vs. Frequency
0
60
1.2
0.8
0.4
02.0
4.0
6.0
8.0
Current Sense Input Threshold vs. Error Amp
Output Voltage
0.2
1.0
VCC = 15V
VOUT = 2.0V ~ 4.0V
RL = 100k
TA = 25℃
Phase
Gain
0
Error Amp Output Voltage, VOUT (V)
0
30
90
120
180
150
60
0.6
TA = 25℃
VCC = 15V
TA = 125℃
TA = -55℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com