Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4049BG-P16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCD4049BG-P16-R
Description  CMOS HEX BUFFER/CONVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4049BG-P16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UCD4049BG-P16-R Datasheet HTML 1Page - Unisonic Technologies UCD4049BG-P16-R Datasheet HTML 2Page - Unisonic Technologies UCD4049BG-P16-R Datasheet HTML 3Page - Unisonic Technologies UCD4049BG-P16-R Datasheet HTML 4Page - Unisonic Technologies UCD4049BG-P16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCD4049B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-876.b
ABSOLUTE MAXIMUM RATING (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 20
V
Input Voltage
VIN
-0.5~VCC +0.5
V
Output Voltage
VOUT
-0.5~VCC +0.5
V
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-16
θJA
73
°C/W
TSSOP-16
108
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VCC
3
15
V
Operating Temprature
TOPR
-40
125
°C
ELECTRICAL CHARACTERISTICS(TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=5V, VO=0.5V
4.0
V
VCC=10V, VO=1.0V
8.0
VCC=15V, VO=1.5V
12.5
Low-Level Input Voltage
VIL
VCC=5V, VO=4.5V
1.0
V
VCC=10V, VO=9.0V
2.0
VCC=15V, VO=13.5V
2.5
High-Level Output Voltage
VOH
VCC=5V, No Load
4.95
5
V
VCC=10V, No Load
9.95
10
VCC=15V, No Load
14.95
15
Low-Level Output Voltage
VOL
VCC=5V, No Load
0
0.05
V
VCC=10V, No Load
0
0.05
VCC=15V, No Load
0
0.05
High-Level Output Current
(Note)
IOH
VCC=4.5V, VO=0.4V
2.6
5.2
mA
VCC=5V, VO=4.6V
-0.65
-1.2
VCC=5V, VO=2.5V
-2.1
-3.9
VCC=10V, VO=9.5V
-1.65
-3.0
VCC=15V, VO=13.5V
-4.3
-8.0
Low-Level Output Current
(Note)
IOL
VCC=5V, VO=0.4V
3.2
6.4
VCC=10V, VO=0.5V
8.0
16.0
VCC=15V, VO=1.5V
24.0
48.0
Input Leakage Current
II(LEAK)
VCC=15V ,VIN = VCC or GND
0.1
µA
Quiescent Supply Current
IDD
VCC=5V, VIN = VCC or VSS, IOUT = 0
0.02
1
µA
VCC=10V, VIN = VCC or VSS, IOUT = 0
0.02
2
VCC=15V, VIN = VCC or VSS, IOUT = 0
0.02
4
VCC=20V, VIN = VCC or VSS, IOUT = 0
0.04
20
Note: IOL and IOH are tested one output at a time



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com