Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1201L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCS1201L-S08-R
Description  LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS1201L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UCS1201L-S08-R Datasheet HTML 1Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 2Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 3Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 4Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UCS1201
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R103-066.a
ELECTRICAL CHARACTERISTICS
(0°C<TJ<125°C, 9.0V<VCC<20V, CGATE(H)=CGATE(L)=3.3nF, CCOMP=0.1μF, ROSC=74kΩ, unless otherwise specified.)
(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Error Amplifier
VFB Bias Current
IFB
VFB=0V
0.4
2.0
μA
COMP Source Current
ISOURCE COMP=1.5V, VFB=0.8V
15
30
60
μA
COMP Sink Current
ISINK
COMP=1.5V, VFB=1.2V
15
30
60
μA
Reference Voltage
VREF
COMP=VFB
0.970
0.980
0.990
V
TJ<25°C
0.965
0.980
0.995
V
COMP Max Voltage
VCOMP-MAXVFB=0.8V
2.4
3.1
V
COMP Min Voltage
VCOMP-MIN VFB=1.2V
0.1
0.2
V
COMP Fault Discharge
Current at UVLO
ICHARGE COMP=1.2V, VCC=6.9V
0.5
1.2
mA
COMP Fault Discharge
Threshold to Reset UVLO
VRESET
0.1
0.25
0.3
V
GATE(H) and GATE(L)
Rise Time
tR
1.0V<GATE(L), GATE(H)<VCC-2.0V, VCC=12V
40
80
ns
Fall Time
tF
VCC-2.0V<GATE(L), GATE(H)<1.0V, VCC=12V
40
80
ns
GATE(H) to GATE(L)
Delay
tDH
GATE(H)<2.0V, GATE(L)>2.0V
40
60
105
ns
GATE(L) to GATE(H)
Delay
tDL
GATE(L)<2.0V, GATE(H)>2.0V
40
60
105
ns
Minimum Pulse Width
tPULSE GATE(X)=4.0V
250
ns
High Voltage (AC)
VH
Measure GATE(L) or GATE(H)
0.5nF<CGATE(H)=CGATE(L)<10nF, (Note 2)
VCC-0.5 VCC
V
Low Voltage (AC)
VL
Measure GATE(L) or GATE(H)
0.5nF<CGATE(H)=CGATE(L)<10nF, (Note 2)
0
0.5
V
PWM Comparator
PWM Comparator Offset VPWM-MIN
VFB=0V, Increase COMP Until GATE(H) Starts
Switching
0.415
0.465
0.525
V
Ramp Max Duty Cycle
80
%
Artificial Ramp
Duty Cycle=50%, ROSC=74kΩ
50
63
75
mV
Transient Response
COMP=1.5V, VFB 20mV Overdrive. (Note 2)
200
300
ns
VFB Input Range
(Note 3)
0
1.4
V
Oscillator
Switching Frequency
FOSC
ROSC Not Used
170
200
230
kHz
FOSC
ROSC=74kΩ
240
280
320
kHz
General Electrical Specifications
VCC Supply Current
IQ
COMP=0V (No Switching)
9.0
12
mA
Start Threshold
GATE(H) Switching, COMP Charging
8.0
8.5
9.0
V
Stop Threshold
GATE(H) Not Switching, COMP Discharging
7.0
7.5
8.0
V
Hysteresis
VHYS
Start-Stop
0.75
1.0
1.25
V
Notes:1.Characteristics at temperature extremes are guaranteed via correlation using quality statistical control
methods.
2.Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com