Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULD3380L-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULD3380L-AG6-R
Description  HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULD3380L-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULD3380L-AG6-R Datasheet HTML 1Page - Unisonic Technologies ULD3380L-AG6-R Datasheet HTML 2Page - Unisonic Technologies ULD3380L-AG6-R Datasheet HTML 3Page - Unisonic Technologies ULD3380L-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ULD3380
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R109-034.b
TYPICAL APPLICATION CIRCUIT
C1
4.7μF
R1
1MΩ
R2
511K
C3
4.7μF
C5
3.3nF
R3
10K
1
5
2
VCC
VC
GND
ACTL
SENSE
GATE
UTC
ULD3380
C4
1nF
4
6
3
R6
22Ω
D1
ES2J
R7
L2
680μH
C6
47μF/50V
+
1
LED+
ZD2
54V
1
LED-
R4
10Ω
ZD1
12V
Q1
D2
ES1J
VIN: 90 ~264VAC
VOUT: 28V
IOUT: 320mA
0.5Ω
4N60
L1
1mH
C2
4.7μF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com