Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7050 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-7050
Description  Laser Mouse Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7050 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-7050 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
Pinout of ADNS-7050 Optical Mouse Sensor
Pin
Name
Description
1
NCS
Chip Select (Active Low Input)
2
MISO
SerialDataOutput(MasterIn/SlaveOut)
3
SCLK
Serial Clock Input
4
MOSI
Serial Data Input (Master Out/Slave In)
5
MOTION
Motion Detect (Active Low Output)
6
LASER_NEN
LASER Enable (Active LOW)
7
GND
Ground
8
XY_LASER
LASER Control
9
AGND
Analog Ground
10
AVDD
Analog Supply Voltage
11
AGND
Analog Ground
12
GND
Ground
13
GND
Ground
14
NC
No Connection
15
GND
Ground
16
VDD
Supply Voltage
17
NC
No Connection
18
NC
No Connection
Figure 1. Package outline drawing (top view).
A7050
XYYWWZ
1 NCS
2 MISO
3 SCLK
4 MOSI
5 MOTION
6 LASER_NEN
7 GND
8 XY_LASER
9 AGND
18 NC
17 NC
16 VDD
15 GND
14 NC
13 GND
12 GND
11 AGND
10 AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com